Electronic Components Datasheet Search
  English  ▼

X  

TPF140 Datasheet(PDF) 5 Page - 3PEAK INC.

Part # TPF140
Description  Full-HD Composite Video Filter Driver With Disable Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF140 Datasheet(HTML) 5 Page - 3PEAK INC.

  TPF140 Datasheet HTML 1Page - 3PEAK INC. TPF140 Datasheet HTML 2Page - 3PEAK INC. TPF140 Datasheet HTML 3Page - 3PEAK INC. TPF140 Datasheet HTML 4Page - 3PEAK INC. TPF140 Datasheet HTML 5Page - 3PEAK INC. TPF140 Datasheet HTML 6Page - 3PEAK INC. TPF140 Datasheet HTML 7Page - 3PEAK INC. TPF140 Datasheet HTML 8Page - 3PEAK INC. TPF140 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPF140
Full-HD Composite Video Filter Driver With Disable Function
Rev. A
www.3peakic.com
~ 5 ~
©2014 3PEAK INCORPORATED
Figure9. PSRR Vs. Frequency
Figure10. Current Vs. Supply Voltage
Figure11. Large-Signal Pulse Response Vs. Time
Figure12. Small-Signal Pulse Response Vs. Time
-80
-70
-60
-50
-40
-30
-20
-10
0
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD=3.3V
0
5
10
15
20
25
30
35
40
45
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
120
140
160
TIME (ns)
VDD=+3.3V
RL=100Ω
VOUT=1VP-P
tRISE=7.75ns
tFALL=7.41ns
0.4
0.5
0.6
0.7
0.8
0.9
0
204060
80
100
120
140
160
TIME (ns)
tRISE=3.25ns
tFALL=3.59ns
VDD=+3.3V
RL=100Ω
VOUT=200mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com