Electronic Components Datasheet Search
  English  ▼

X  

TPF147 Datasheet(PDF) 13 Page - 3PEAK INC.

Part # TPF147
Description  TPF147 Selectable One HD/Full-HD Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF147 Datasheet(HTML) 13 Page - 3PEAK INC.

Back Button TPF147 Datasheet HTML 5Page - 3PEAK INC. TPF147 Datasheet HTML 6Page - 3PEAK INC. TPF147 Datasheet HTML 7Page - 3PEAK INC. TPF147 Datasheet HTML 8Page - 3PEAK INC. TPF147 Datasheet HTML 9Page - 3PEAK INC. TPF147 Datasheet HTML 10Page - 3PEAK INC. TPF147 Datasheet HTML 11Page - 3PEAK INC. TPF147 Datasheet HTML 12Page - 3PEAK INC. TPF147 Datasheet HTML 13Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TPF147
SelectableOneHD/Full-HDVideoFilter
Rev.A
www.3peakic.com
~ 13 ~
©20143PEAKINCORPORATED
IMPORTANT NOTICE
"PRELIMINARY" PRODUCT INFORMATION DESCRIBES PRODUCTS THAT ARE IN PRODUCTION, BUT FOR WHICH FULL
CHARACTERIZATIONDATAISNOTYETAVAILABLE.
3PEAKICMICROELECTRONICSCO.LTDBELIEVESTHATTHEINFORMATIONCONTAINEDINTHISDOCUMENTISACCURATEAND
RELIABLE. HOWEVER, THE INFORMATION IS SUBJECT TO CHANGE WITHOUT NOTICE AND IS PROVIDED “AS IS” WITHOUT
WARRANTYOF ANYKIND(EXPRESSORIMPLIED).CUSTOMERSAREADVISEDTOOBTAINTHELATESTVERSIONOFRELEVANT
INFORMATIONTOVERIFY,BEFOREPLACINGORDERS,THATINFORMATIONBEINGRELIEDONISCURRENTANDCOMPLETE.ALL
PRODUCTS ARE SOLD SUBJECT TO THE TERMS AND CONDITIONS OF SALE SUPPLIED AT THE TIME OF ORDER
ACKNOWLEDGMENT, INCLUDING THOSE PERTAINING TO WARRANTY, INDEMNIFICATION, AND LIMITATION OF LIABILITY. NO
RESPONSIBILITYISASSUMEDBY3PEAKICMICROELECTRONICSCO.LTDFORTHEUSEOFTHISINFORMATION,INCLUDINGUSE
OF THIS INFORMATION AS THE BASIS FOR MANUFACTURE OR SALE OF ANY ITEMS, OR FOR INFRINGEMENT OF PATENTS OR
OTHER RIGHTS OF THIRD PARTIES. THIS DOCUMENT IS THE PROPERTY OF 3PEAKIC MICROELECTRONICS CO. LTD AND BY
FURNISHING THISINFORMATION, 3PEAKIC MICROELECTRONICS CO.LTDGRANTSNOLICENSE, EXPRESSOR IMPLIED UNDER
ANY PATENTS, MASK WORK RIGHTS, COPYRIGHTS, TRADEMARKS, TRADE SECRETS OR OTHER INTELLECTUAL PROPERTY
RIGHTS. 3PEAKICMICROELECTRONICSCO.LTDOWNSTHECOPYRIGHTSASSOCIATEDWITHTHEINFORMATIONCONTAINED
HEREIN AND GIVES CONSENT FOR COPIES TO BE MADE OF THE INFORMATION ONLYFOR USE WITHIN YOUR ORGANIZATION
WITH RESPECT TO 3PEAKIC MICROELECTRONICS CO. LTD INTEGRATED CIRCUITS OR OTHER PRODUCTS OF 3PEAKIC
MICROELECTRONICS CO. LTD. THIS CONSENT DOES NOT EXTEND TO OTHER COPYING SUCH AS COPYING FOR GENERAL
DISTRIBUTION,ADVERTISINGORPROMOTIONALPURPOSES,ORFORCREATINGANYWORKFORRESALE.
CERTAIN APPLICATIONSUSING SEMICONDUCTOR PRODUCTS MAYINVOLVE POTENTIALRISKS OF DEATH, PERSONALINJURY,
OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL APPLICATIONS”). 3PEAKIC MICROELECTRONICS CO. LTD
PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN AIRCRAFT SYSTEMS, MILITARY APPLICATIONS,
PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT
PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF 3PEAKIC MICROELECTRONICS CO. LTD PRODUCTS IN SUCH
APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND INCLUSION DISCLAIMS AND MAKES NO
WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS
FOR PARTICULAR PURPOSE, WITH REGARD TO ANY DISCLAIMS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE
CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF 3PEAKIC MICROELECTRONICS CO. LTD PRODUCTS
INCRITICALAPPLICATIONS,CUSTOMERAGREES,BYSUCHUSE,TOFULLYINDEMNIFY3PEAKICMICROELECTRONICSCO.LTD,
ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING
ATTORNEYS'FEESANDCOSTS,THATMAYRESULTFROMORARISEINCONNECTIONWITHTHESEUSES.
THE LOGO DESIGNS OF 3PEAKIC MICROELECTRONICS CO. LTD ARE TRADEMARKS OF DESIGNS. ALL OTHER BRAND AND
PRODUCTNAMESINTHISDOCUMENTMAYBETRADEMARKSORSERVICEMARKSOFTHEIRRESPECTIVEOWNERS.
Contactinformation:
USA:635W.AlmaSchoolRoad,Suite102
Chandler,USA.
AZ85234
Shanghai-China:Room401-407No.1278KeyuanRoad,
ZhangjiangHigh-techPark,PudongNewDistrict,
Shanghai,China
ZipCode:201203
Suzhou-China:Suite304,BuildingB2,CreativeIndustrialPark,
No.328XinghuStreet,IndustrialPark,
Suzhou,JiangsuProvince,China
ZipCode:215123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com