Electronic Components Datasheet Search
  English  ▼

X  

TPF147 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF147
Description  TPF147 Selectable One HD/Full-HD Video Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF147 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF147 Datasheet HTML 1Page - 3PEAK INC. TPF147 Datasheet HTML 2Page - 3PEAK INC. TPF147 Datasheet HTML 3Page - 3PEAK INC. TPF147 Datasheet HTML 4Page - 3PEAK INC. TPF147 Datasheet HTML 5Page - 3PEAK INC. TPF147 Datasheet HTML 6Page - 3PEAK INC. TPF147 Datasheet HTML 7Page - 3PEAK INC. TPF147 Datasheet HTML 8Page - 3PEAK INC. TPF147 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TPF147
Selectable One HD/Full-HD Video Filter
Rev.A
www.3peakic.com
~ 3 ~
©20143PEAKINCORPORATED
Electrical Characteristics AlltestconditionisVDD=3.3V,TA=+25°C,RL=150ΩtoGND,unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Electrical Specifications
+VS
Supply Voltage Range
3.0
5.5
V
IQ
Quiescent current
(IQ)
+VS=3.3V,VIN=500mV,noload,select
FHDchannel
11.5 14.27 mA
+VS=3.3V,VIN=500mV,noload,select
HDchannel
6
7.44
mA
+VS=5V,VIN=500mV,noload,select
FHDchannel
15
18.53 mA
+VS=5V,VIN=500mV,noload,selectHD
channel
7
9.6
mA
ICLAMP-DOWN ClampDischargeCurrent
VIN=300mV,measurecurrent
1.5
2.0
5.1
μA
ICLAMP-UP
ClampChargeCurrent
VY=-0.2V
-1.5
-1.7
mA
VCLAMP
InputVoltageClamp
IY=-100μA
-40
0
+40
mV
RIN
InputImpedance
0.5V<VY<1V
0.5
3
MΩ
AV
VoltageGain
VIN=0.5V,1Vor2V
RL=150ΩtoGND
5.9
6.01
6.03
dB
ΔAV
ChannelMismatch
-2
+2
%
VOLS
OutputLevelShiftVoltage
VIN=0V,noload,inputreferred
53
80
124
mV
VOL
OutputVoltageLowSwing
VIN=-0.3V,RL=75Ω
0.05
V
VOH
OutputVoltageHighSwing VIN=3V,RL=75ΩtoGND(dualload)
3.18
V
PSRR
PowerSupplyRejectionRatio ΔVDD=3.3Vto3.6V
61
dB
ΔVDD=5.0Vto5.5V,50Hz
67
dB
ISC
Short-circuitcurrent
VIN=2V,10Ω,outputtoGND
65
mA
VIN=0.1V,outputshorttoVDD
65
mA
VIH
SelectHighVoltageThreshold VDD=3.0Vto5.5V
1.6
V
VIL
SelectLowVoltageThreshold VDD=3.0Vto5.5V
0.4
V
tON
EnableTime
VIN=500mV,VOUTto1%
1000
ns
tOFF
DisableTime
VIN=500mV,VOUTto1%
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com