Electronic Components Datasheet Search
  English  ▼

X  

TPF153 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPF153
Description  Low Power, 3-channel 6dB gain Video buffer for HD-Video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF153 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPF153 Datasheet HTML 2Page - 3PEAK INC. TPF153 Datasheet HTML 3Page - 3PEAK INC. TPF153 Datasheet HTML 4Page - 3PEAK INC. TPF153 Datasheet HTML 5Page - 3PEAK INC. TPF153 Datasheet HTML 6Page - 3PEAK INC. TPF153 Datasheet HTML 7Page - 3PEAK INC. TPF153 Datasheet HTML 8Page - 3PEAK INC. TPF153 Datasheet HTML 9Page - 3PEAK INC. TPF153 Datasheet HTML 10Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TPF153
LowPower,3-channel6dBgainvideobufferforHD-Video
REV2.2
www.3peakic.com
~ 9 ~
©20163PEAKINCORPORATED
Package Outline Dimensions
Symbol
inch
mm
min
Typical maxim min
Typical
maxim
n
8
8
p
.050
1.27
A
.053
.061
.069
1.35
1.55
1.75
A2
.052
.056
.061
1.32
1.42
1.55
A1
.004
.007
.010
0.10
0.18
0.25
E
.228
.237
.244
5.79
6.02
6.20
E1
.146
.154
.157
3.71
3.91
3.99
D
.189
.193
.197
4.80
4.90
5.00
h
.010
.015
.020
0.25
0.38
0.51
L
.019
.025
.030
0.48
0.62
0.76
Φ
0
4
8
0
4
8
c
.008
.009
.010
0.20
0.23
0.25
B
.013
.017
.020
0.33
0.42
0.51
α
0
12
15
0
12
15
β
0
12
15
0
12
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com