Electronic Components Datasheet Search
  English  ▼

X  

TPF153 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF153
Description  Low Power, 3-channel 6dB gain Video buffer for HD-Video
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF153 Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF153 Datasheet HTML 1Page - 3PEAK INC. TPF153 Datasheet HTML 2Page - 3PEAK INC. TPF153 Datasheet HTML 3Page - 3PEAK INC. TPF153 Datasheet HTML 4Page - 3PEAK INC. TPF153 Datasheet HTML 5Page - 3PEAK INC. TPF153 Datasheet HTML 6Page - 3PEAK INC. TPF153 Datasheet HTML 7Page - 3PEAK INC. TPF153 Datasheet HTML 8Page - 3PEAK INC. TPF153 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPF153
LowPower,3-channel6dBgainvideobufferforHD-Video
REV2.2
www.3peakic.com
~ 3 ~
©20163PEAKINCORPORATED
Electrical Characteristics AlltestconditionisVDD=3.3V,TA=+25°C,RL=150ΩtoGND,unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Electrical Specifications
VDD
Supply Voltage Range
3.0
5.5
V
ICC
Quiescent current
(IQ)(1)
VDD=3.3V,VIN=500mV,noload
33
41
mA
VDD=5.0V,VIN=500mV,noload
43.1
53.2 mA
VOLS
OutputLevelShiftVoltage
VIN=0V,noload,inputreferred
54
80
124
mV
ICLAMP-CHG
ClampChargeCurrent
VIN=VCLAMP-100mV
-1.5
-1.7
mA
ICLAMP-DCHG
ClampDischargeCurrent
VIN=500mV
1.1
4.0
7.1
μA
VCLAMP
InputVoltageClamp
IIN=-1mA
-40
0
+40
mV
AV
VoltageGain
VIN=0.5V,1Vor2V
RL=150ΩtoGND
5.91
6.01
6.03
dB
PSRR
PowerSupplyRejectionRatio
ΔVDD=3.3Vto3.6V
64
dB
ΔVDD=5.0Vto5.5V,50Hz,VIN=0.7V
76
dB
VOH
OutputVoltageHighSwing
VIN=3V,RL=75ΩtoGND(dualload)
3.18
V
VOL
OutputVoltageLowSwing
VIN=-0.3V,RL=75Ω
0.05
V
ISC
Short-circuit current
VIN=2V,outputtoGNDthrough10Ω
65
mA
VIN=100mV,outputshorttoVDD
65
mA
AC Electrical Specifications
f-1dB
-1dBBandwidth
RL=150Ω
144
167
MHz
f-3dB
-3dBBandwidth
RL=150Ω
192
220
MHz
SR
SlewRate
2Voutputstep,80%to20%
1,000
V/μs
dG
DifferentialGain
Videoinputrange1V
0.4
0.7
%
dP
DifferentialPhase
Videoinputrange1V
0.3
0.5
°
THD
TotalHarmonicDistortion
f=22MHz,VOUT=1.4VPP
0.2
%
D/DT
GroupDelayVariation
f=100kHzto60MHz
0.5
ns
tPD
PropagationDelay
Maximum delay from input to output:
(100kHzto60MHz)
1.8
2.2
ns
XTALK
ChannelCrosstalk
f=1MHz,VOUT=1.4VPP
-68
-74
dB
SNR
Signal-to-NoiseRation
f=100kHzto60MHz
70
73
dB
ROUT_AC
OutputImpedance
f=10MHz
0.5
Ω
Note:
(1).100%tested at TA=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com