Electronic Components Datasheet Search
  English  ▼

X  

TPF607C Datasheet(PDF) 2 Page - 3PEAK INC.

Part # TPF607C
Description  3-VRMS Audio Line Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF607C Datasheet(HTML) 2 Page - 3PEAK INC.

  TPF607C Datasheet HTML 1Page - 3PEAK INC. TPF607C Datasheet HTML 2Page - 3PEAK INC. TPF607C Datasheet HTML 3Page - 3PEAK INC. TPF607C Datasheet HTML 4Page - 3PEAK INC. TPF607C Datasheet HTML 5Page - 3PEAK INC. TPF607C Datasheet HTML 6Page - 3PEAK INC. TPF607C Datasheet HTML 7Page - 3PEAK INC. TPF607C Datasheet HTML 8Page - 3PEAK INC. TPF607C Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TPF632C / TPF605C / TPF607C
3-VRMS Audio Line Driver with Integrated Charge Pump
Rev.A.1
www.3peakic.com.cn
Order Information
Model Name
Order Number
Package
Transport Media, Quantity
Marking
Information
TPF632C
TPF632C-TR
14-Pin TSSOP
Tape and Reel, 3000
TPF632C
TPF605C
TPF605C-VR
10-Pin MSOP-EP
Tape and Reel, 3000
TPF605C
TPF607C
TPF607C-VR
10-Pin MSOP
Tape and Reel, 3000
TPF607C
Absolute Maximum Ratings Note1
Supply Voltage: V+ – V–....................................6.0V
Input Voltage............................. V– – 0.3 to V+ + 0.3
Input Current: +IN, –IN, SHDN Note 2.............. ±10mA
EN Pin Voltage……………………………V– to V+
Output Current: OUT.................................... ±20mA
Output Short-Circuit Duration Note 3…......... Indefinite
Operating Temperature Range.......–40°C to 125°C
Maximum Junction Temperature................... 150°C
Storage Temperature Range.......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ......... 260°C
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating
condition for extended periods may affect device reliability and lifetime.
Note 2: The inputs are protected by ESD protection diodes to each power supply. If the input extends more than 500mV beyond the power supply, the input
current should be limited to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature below the absolute maximum. This depends on the power supply voltage and how many
amplifiers are shorted. Thermal resistance varies with the amount of PC board metal connected to the package. The specified values are for short traces
connected to the leads.
ESD, Electrostatic Discharge Protection
Pin
Symbol
Parameter
Condition
Minimum Level
Unit
All
HBM
Human Body Model ESD
MIL-STD-883H Method 3015.8
8
kV
All
CDM
Charged Device Model ESD
JEDEC-EIA/JESD22-C101E
2
kV
Thermal Resistance
Package Type
θJA
θJC
Unit
14-Pin TSSOP
130
49
°C/W
10-Pin MSOP
120
45
°C/W
10-Pin MSOP-EP
70
10
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com