Electronic Components Datasheet Search
  English  ▼

X  

TPF607C Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TPF607C
Description  3-VRMS Audio Line Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPF607C Datasheet(HTML) 3 Page - 3PEAK INC.

  TPF607C Datasheet HTML 1Page - 3PEAK INC. TPF607C Datasheet HTML 2Page - 3PEAK INC. TPF607C Datasheet HTML 3Page - 3PEAK INC. TPF607C Datasheet HTML 4Page - 3PEAK INC. TPF607C Datasheet HTML 5Page - 3PEAK INC. TPF607C Datasheet HTML 6Page - 3PEAK INC. TPF607C Datasheet HTML 7Page - 3PEAK INC. TPF607C Datasheet HTML 8Page - 3PEAK INC. TPF607C Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
TPF632C / TPF605C / TPF607C
3-VRMS Audio Line Driver with Integrated Charge Pump
www.3peakic.com.cn
Rev.A.1
5V Electrical Characteristics
Specifications are at TA = 27°C. VDD = 5V, RL = 2.5kΩ, CPUMP=CPVSS=1
F, CIN =10F, RIN = 10kΩ, RFB = 20kΩ, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage Range
2.7
5.5
V
VOS
Output Offset Voltage
Input grounded, unity gain.
-4
4
mV
IQ
Quiescent Current
No load
4.6
mA
IQ(off)
Supply Current in Shutdown
0.2
mA
VO
Output Voltage
VDD=3.3V, f=1kHz, THD=1%
2.05
VRMS
VDD=5V, f=1kHz, THD=1%
3.05
VRMS
THD+N
Total Harmonic Distortion Plus
Noise
VO=3VRMS, f=1kHz
0.001
%
VENH
High-level Threshold Voltage(EN)
VDD=3.3V, EN Low to High Transition
1
V
VDD=5V, EN Low to High Transition
1
V
VENL
Low-level Threshold voltage(EN)
VDD=3.3V, EN High to Low Transition
0.5
V
VDD=5V, EN Low to High Transition
0.6
V
|IENH|
High-level input current(EN)
VDD = 5 V, VI = VDD
0.1
μA
|IENL|
Low-level input current(EN)
VDD = 5 V, VI = 0 V
1
μA
XTALK
Crosstalk
VO=3VRMS, f=1kHz
-110
dB
ISC
Short Circuit Current
VDD=5V
20
mA
RIN
Input Resistor Range
1
10
47
k
SR
Slew Rate
5
V/μs
CL
Maximum Capacitive Load
220
pF
CF
Flying Capacitor
0.1
0.33
2.2
μF
VN
Noise Output Voltage
BW=20Hz to 20kHz
4.3
μVRMS
SNR
Signal to Noise Ratio
VO=3VRMS, f=1kHz, BW=20kHz
117
dB
GBW
Unity Gain Bandwidth
No load
10
MHz
AVOL
Open-Loop Voltage Gain
No load
130
dB
VUVP
External Under-voltage Detection
VDD=3.3V
1.18
1.23
1.28
V
VDD=5V
1.23
1.27
1.30
V
IHYS
External Under-voltage Detection
Hysteresis Current
4.7
μA
fCP
Charge Pump Frequency
330
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com