Electronic Components Datasheet Search
  English  ▼

X  

EG49 Datasheet(PDF) 8 Page - Jingjing Microelectronics Co., Ltd

Part # EG49
Description  Linear Hall chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG49 Datasheet(HTML) 8 Page - Jingjing Microelectronics Co., Ltd

  EG49 Datasheet HTML 1Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 2Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 3Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 4Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 5Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 6Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG49 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
屹晶微电子有限公司
EG49 用户手册 V1.0
线性霍尔芯片
2011 © 屹晶微电子有限公司 版权所有
www.EGmicro.com
8 / 9
7.3 磁电传输特性
在无磁场的情况下(B=0GS),输出脚的电压为电源电压的一半。当 S 磁极出现在霍尔传感器标记面时,
其输出电压相对应的上升;反之,当 N 磁极出现在霍尔传感器标记面时,其输出电压相对应的下降,上升
或下降的幅度是随磁场强度成线性比例地变化如图 7-3。线性发生变化也就是拐点区域在 900G-1000G 点。
图 7-3. EG49 磁电传输特性 @Vcc=5V
N
S
0
500
-500
Vout
(Magnetic flux density B)
2.5V
1.0V
4.0V
-1000
1000
B(Gauss)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com