Electronic Components Datasheet Search
  English  ▼

X  

MSCPSI Datasheet(PDF) 5 Page - Mixed Signal Integration

Part # MSCPSI
Description  Controller Programmable Sensor Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCPSI Datasheet(HTML) 5 Page - Mixed Signal Integration

  MSCPSI Datasheet HTML 1Page - Mixed Signal Integration MSCPSI Datasheet HTML 2Page - Mixed Signal Integration MSCPSI Datasheet HTML 3Page - Mixed Signal Integration MSCPSI Datasheet HTML 4Page - Mixed Signal Integration MSCPSI Datasheet HTML 5Page - Mixed Signal Integration MSCPSI Datasheet HTML 6Page - Mixed Signal Integration MSCPSI Datasheet HTML 7Page - Mixed Signal Integration MSCPSI Datasheet HTML 8Page - Mixed Signal Integration MSCPSI Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Serial Control Register
The MSCPSI uses serial data control with address
and data clocked in with 21 cycles of the CLK
clock.
The data strobe (DS) resets the internal
address data shift register.
The address is a 4
bit nibble followed by a 16 bit word.
Address
Description
0000
Calibration Control Register; Controls signal
on pin 18
0001
Offset DAC control level
Controls volt
age at pin 29; AAF and OpAmp current
control
Address
Description
0010
Amp and Antialias filter1 and 2 control
0011
Highpass Filter Control Register
0100
Lowpass Filter Control Register
0101
A/D converter and Watchdog timer
Control Register
0110
Watchdog Timer Count Register
Controller Programmable Sensor Interface
Preliminary Data Sheet
08/2006
©
©2
20
00
06
6 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn 5
5
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
CLO CK
10 ns
10 ns
NOMINAL
NOMINAL
DS
A3 A2 A1 A0 D15D14D13D12D11D10D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
A3-A0/D 15-D0
FIGURE 2: TIMING DIAGRAM OF ADDRESS/DATA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com