Electronic Components Datasheet Search
  English  ▼

X  

MSCPSI Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSCPSI
Description  Controller Programmable Sensor Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSCPSI Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSCPSI Datasheet HTML 1Page - Mixed Signal Integration MSCPSI Datasheet HTML 2Page - Mixed Signal Integration MSCPSI Datasheet HTML 3Page - Mixed Signal Integration MSCPSI Datasheet HTML 4Page - Mixed Signal Integration MSCPSI Datasheet HTML 5Page - Mixed Signal Integration MSCPSI Datasheet HTML 6Page - Mixed Signal Integration MSCPSI Datasheet HTML 7Page - Mixed Signal Integration MSCPSI Datasheet HTML 8Page - Mixed Signal Integration MSCPSI Datasheet HTML 9Page - Mixed Signal Integration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The Controller Programmable Sensor Interface
(MSCPSI) is a hybrid package containing two CMOS
integrated circuits for processing signals from either
a sensor or MEMS device. Small analog signals
are amplified, anti-aliased, and filtered before being
converted into a digital signal output by the MSCP-
SI. These processing functions are controlled by an
internal PICTM processor through the MSCPSI's on-
chip serial interface. The MSCPSI also includes off-
set adjust, low power modes and an on-chip tem-
perature sensor.
The input is fed into a low noise amplifier followed
by two 6th order Elliptic switched capacitor anti-
aliasing filters. The gain of the filter is controllable
via the serial interface up to 18 dB (6 dB steps).
The next stage is a 6 pole Butterworth switched
capacitor highpass filter, also with up to 18 dB of
controllable gain. Following this is a 7th order
Elliptic switched capacitor lowpass filter. These inter-
nal filters can be bypassed via the serial interface.
The 12 bit, 160 ksps A-to-D converter provides a
digital output.
The MSCPSI operates with a supply voltage from
3.3 VDC up to 5.5 VDC. It is available in a 64
pin LQFP Package with an industrial temperature
range.
There are 4 current levels that are selectable for
the filter and 12-bit Analog-to-Digital Converter.
Lower corner or sample frequency settings can be
set for lower current operation.
When the maxi-
mum corner or sample frequency is needed, the
currents can be set greater.
Features
Low Power Modes
Low Noise Input:
<30 nV/(Hz)1/2 at 100 Hz
Anti Alias Filter with Adjustable Gain
Lowpass Filter with Adjustable Gain Stage
Programmable SC Highpass Filter with Gain Adjust
Programmable SC Lowpass Filter with Gain Adjust
Temperature Sensor
Offset Adjust
12 bit 160 ksps A-to-D Converter 4 input Mux
14-bit PICTM Processor with 2k FLASH memory
10-bit 10 ksps A-to-D Converter w/ 5 input Mux
Applications
Low Noise Sensors
MEMS Interface
Accelerometer Sensing
Pressure Sensing
Vibration Sensing
Temperature Sensing
Test Equipment Cards/Data Acquisition Cards
Absolute Maximum Ratings
Power Supply Voltage
+6V
Storage Temperature Range
-60 to +150°C
Operating Temperature Range
-45 to +85°C
Controller Programmable Sensor Interface
Preliminary Data Sheet
©
©2
20
00
06
6 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn 1
1
08/2006
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””


Similar Part No. - MSCPSI

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSC ADAM-TECH-MSC Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
AC-DC Medical
logo
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
Safety Chip Capacitors
logo
Neutrik AG
MSC NEUTRIK-MSC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MSC TEC-MSC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MSCPSI

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
Programmable Sensor Interface
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
Programmable IR Sensor Interface
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
Programmable Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
Smart Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com