Electronic Components Datasheet Search
  English  ▼

X  

MSELPP Datasheet(PDF) 3 Page - Mixed Signal Integration

Part # MSELPP
Description  Switched Capacitor Elliptic Lowpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSELPP Datasheet(HTML) 3 Page - Mixed Signal Integration

  MSELPP Datasheet HTML 1Page - Mixed Signal Integration MSELPP Datasheet HTML 2Page - Mixed Signal Integration MSELPP Datasheet HTML 3Page - Mixed Signal Integration MSELPP Datasheet HTML 4Page - Mixed Signal Integration MSELPP Datasheet HTML 5Page - Mixed Signal Integration MSELPP Datasheet HTML 6Page - Mixed Signal Integration MSELPP Datasheet HTML 7Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Switched Capacitor Elliptic Lowpass Filter
Data Sheet
4/2004
Pin Configuration
1
2
3
4
5
6
7
14
13
12
11
10
9
8
INV2
INV1
R
VSS
CLK
FIN
NINV
OUT2
FOUT
OUT1
GND
VDD
FO
PS
Web Site “www.mix-sig.com”
© 2004 Mixed Signal Integration 3
1
NINV
Second Op Amp Non Inverting Input
2
OUT2
Second Op Amp Output
3
FOUT
Filter Output
4
OUT1
First Op Amp Output
5
GND
Ground Pin, 0V for Split Supplies
Typically 2.5V for Single Supply
6
VDD
Positive Power Supply, Typically
2.5V for Split Supplies, 5V for
Single Supply
7
PS
Power Select Pin
(See Electrical Characteristics)
8
FIN
Filter Input
9
CLK
Clock Input
10
VSS
Negative Power Supply, Typically
-2.5V for Split Supplies, 0V for
Single Supply
11
R
Connection for the Clock Resistor
(NC when using external clock)
12
FO
Clock to Corner Select Pin, CMOS
level
13
INV1
First Op Amp Inverting Input
14
INV2
Second Op Amp Inverting Input
Pin Description
1
NINV
Second Op Amp Non Inverting Input
2
OUT2
Second Op Amp Output
3
FOUT
Filter Output
4
OUT1
First Op Amp Output
5
GND
Ground Pin, 0V for Split Supplies
Typically 2.5V for Single Supply
6
VDD
Positive Power Supply, Typically
2.5V for Split Supplies, 5V for
Single Supply
7
PS
Power Select Pin
(See Electrical Characteristics)
8
NC
No Connection
9
NC
No Connection
10
VSS
Negative Power Supply, Typically
-2.5V for Split Supplies, 0V for
Single Supply
11
12
13
R
Connection for the Clock Resistor
(NC when using external clock)
14
FO
Clock to Corner Select Pin, CMOS
level
15
INV1
First Op Amp Inverting Input
16
INV2
Second Op Amp Inverting Input



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com