Electronic Components Datasheet Search
  English  ▼

X  

MSELPP Datasheet(PDF) 1 Page - Mixed Signal Integration

Part # MSELPP
Description  Switched Capacitor Elliptic Lowpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSELPP Datasheet(HTML) 1 Page - Mixed Signal Integration

  MSELPP Datasheet HTML 1Page - Mixed Signal Integration MSELPP Datasheet HTML 2Page - Mixed Signal Integration MSELPP Datasheet HTML 3Page - Mixed Signal Integration MSELPP Datasheet HTML 4Page - Mixed Signal Integration MSELPP Datasheet HTML 5Page - Mixed Signal Integration MSELPP Datasheet HTML 6Page - Mixed Signal Integration MSELPP Datasheet HTML 7Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Switched Capacitor Elliptic Lowpass Filter
Data Sheet
4/2004
Web Site “www.mix-sig.com”
© 2004 Mixed Signal Integration 1
Description
The lowpass filter has an elliptic response and
is made in CMOS technology. It uses a
switched capacitor filter implementation. No
external components are necessary to set the
filter characteristics. The cutoff frequency of
the lowpass filter is selectable based on the
clock frequency. Either an external clock or the
on-chip oscillator can be used. Included in the
integrated circuit are two op amps which can
be configured by the user.
The clock to cutoff frequency ratio can be se-
lected at either 50:1 or 100:1 by using the
Clock to Corner Select pin. A current-saving
power down mode can be chosen with the
Power Select pin. In the low power mode the
maximum corner frequency is 5 kHz. In regular
operation the maximum corner frequency is 20
kHz.
Features
No response setting resistors
Plastic DIP or S.O. packages available
Switched Capacitor Filters
3.3 or 5 Volts Operation
Operates from internal or external clock
Includes two uncommitted op amps
Power down mode
Selectable clock to corner frequency ratio
Applications
Two Way Radio
Telecommunications
Data Communications
Anti-Alias Filters
General Purpose Low-Pass Filters
Absolute Maximum Ratings
Power Supply Voltage
+6 V
Storage Temperature
-60 to +150
?C
Operating Temperature
-40 to +85
?C
MSELPP
14 Pin Dip
-20 to +75
?C
MSELPN
14 Pin 150 mil SOIC
-20 to +75
?C
Ordering Information________
Part Number
Package
Operating Temperature
CLOCK
LOW PASS FILTER
OA1
OA2
INV2
NINV
GND
FOUT
FIN
CLK
R
INV1
OUT1
OUT2
PS
FO
Block Diagram________________


Similar Part No. - MSELPP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSE ADAM-TECH-MSE Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
MSE-X ADAM-TECH-MSE-X Datasheet
71Kb / 1P
MINI SHUNTCLOSED TOP HEIGHT
logo
Vishay Siliconix
MSE07PB VISHAY-MSE07PB Datasheet
99Kb / 4P
Surface Mount ESD Capability Rectifier
09-Apr-14
MSE07PB VISHAY-MSE07PB Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
MSE07PB VISHAY-MSE07PB_V01 Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
More results

Similar Description - MSELPP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
KR Electronics, Inc.
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
2987 KR-2987 Datasheet
48Kb / 3P
Elliptic Lowpass
logo
Mixed Signal Integratio...
MSLEBC5LM MSI-MSLEBC5LM Datasheet
257Kb / 5P
Switched Capacitor General Purpose Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com