Electronic Components Datasheet Search
  English  ▼

X  

MSFIPS Datasheet(PDF) 3 Page - Mixed Signal Integration

Part # MSFIPS
Description  FIPS-140 Level 4 Security Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFIPS Datasheet(HTML) 3 Page - Mixed Signal Integration

  MSFIPS Datasheet HTML 1Page - Mixed Signal Integration MSFIPS Datasheet HTML 2Page - Mixed Signal Integration MSFIPS Datasheet HTML 3Page - Mixed Signal Integration MSFIPS Datasheet HTML 4Page - Mixed Signal Integration MSFIPS Datasheet HTML 5Page - Mixed Signal Integration MSFIPS Datasheet HTML 6Page - Mixed Signal Integration MSFIPS Datasheet HTML 7Page - Mixed Signal Integration MSFIPS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mixed Signal Integration Corporation reserves the right to change any product or specification without notice at any time.
Mixed
Signal Integration products are not designed or authorized for use in life support systems.
Mixed Signal Integration assumes no
responsibility for errors in this document.
FIPS-140 Level 4+ Security Supervisor
Data Sheet
5/2011
©
© 2
20
01
11
1 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn
3
3
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
M
MR
R
R
RC
C
RESET
PPO
OW
WEER
R FFA
AIILLU
UR
REE IIN
N
V
V D
DD
D SSW
WIITTC
CH
H
TTO
O C
CO
ON
NTTR
RO
OLLLLEER
R
LID CONTACT SWITCH
V
VB
BG
G
-PPO
OW
WEER
R FFA
AIILLU
UR
REE O
OU
UTT
IIN
NPPU
UTT 1
1
++
-
B
BA
ATTTTEER
RY
Y LLO
OW
W O
OU
UTT
IIN
NPPU
UTT 2
2
TTO
O C
CO
ON
NTTR
RO
OLLLLEER
R
++
-V
VD
DD
DO
O
IIN
NPPU
UTT 3
3
TO VDD
++ IIN
NPPU
UTT 4
4
SSEEC
CU
UR
RIITTY
Y A
ALLA
AR
RM
M O
OU
UTTPPU
UTT
TTO
O C
CO
ON
NTTR
RO
OLLLLEER
R
TTLLO
OW
W
TTH
HII
V
VD
DD
DII
B
BA
ATTTT
V
VSSSS
TTO
OU
UTT
M
MSSFFIIPPSS
B
Baatttteerryy
Principle of Operation
The MSFIPS integrated circuit with 4 physical
tamper switch inputs are ideal for either normally
open or normally closed switches.
With these
switches attempts to open the system, or remove
socketed components are detected.
Attempts to heat a box, to remove potting mate-
rial, or to cause RAM R/W errors, are detected
by the temperature sensor.
If the unit is unplugged from its power source,
the switch to battery power is detected.
When
the battery voltage is too low, a signal is provid-
ed for action to be taken
Attempts at glitching the reset signal or overvolt-
age are detected by the reset voltage timing
compare with the VDDO voltage and a delay. If
attempts to override the system firmware by
applying an overvoltage to VDD are detected,
action to protect the internal code can be taken.
VDDO for the controller can switch up to 0.2 A..
Figure 2 - System Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com