Electronic Components Datasheet Search
  English  ▼

X  

MSFIPS Datasheet(PDF) 4 Page - Mixed Signal Integration

Part # MSFIPS
Description  FIPS-140 Level 4 Security Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSI [Mixed Signal Integration]
Direct Link  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFIPS Datasheet(HTML) 4 Page - Mixed Signal Integration

  MSFIPS Datasheet HTML 1Page - Mixed Signal Integration MSFIPS Datasheet HTML 2Page - Mixed Signal Integration MSFIPS Datasheet HTML 3Page - Mixed Signal Integration MSFIPS Datasheet HTML 4Page - Mixed Signal Integration MSFIPS Datasheet HTML 5Page - Mixed Signal Integration MSFIPS Datasheet HTML 6Page - Mixed Signal Integration MSFIPS Datasheet HTML 7Page - Mixed Signal Integration MSFIPS Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FIPS-140 Level 4+ Security Supervisor
Data Sheet
5/2011
©
© 2
20
01
11
1 M
Miixxeedd SSiiggnnaall IInntteeggrraattiioonn
4
4
W
Weebb SSiittee ““w
ww
ww
w..m
miixx-ssiigg..ccoom
m””
Pin Description
1.
MODE Selects 3.3V or 5.0 VDC operation.
When MODE
is at Logic “1” 3.3V
thresholds are selected, When MODE is
at Logic “0”, 5.0VDC is selected.
2.
VBAT
Positive Battery Input,
3.
VBG
Bandgap Voltage Output
4
SAO
Security Alarm Output Not
5
VDDI
Positive System Supply;
For 5V
Operation Typically 5.0 VDC
6.
RC
Set Reset Voltage:
Tertiary Control
7.
VTL
Temperature Low set Input
8.
VTH Temperature High set input
9.
BLO Battery Low Voltage Indicator.
When
High, Battery is below 2.4V
10.
PFI
Power Failure Input Sense
11.
PFO
Power Failure Output:
Output high
when power is absent
12.
VSS
Negative Supply;
Typically 0.0 VDC
13. MR Master Reset Not Input
14 IP1
Tamper Switch Polarity Input 1
When tied to logic “1”, Tamper switch
logic is inverted (uses NO switch).
NC switch when logic “0”.
15. IN1 Tamper Switch Input 1
16. IP2
Tamper Switch Polarity Input 2
When tied to logic “1”, Tamper switch
logic is inverted (uses NO switch).
NC switch when logic “0”.
17. IN2
Tamper Switch Input 2
18. TOUT Temperature Sensor Output
19
IP3
Tamper Switch Polarity Input 3
When tied to logic “1”, Tamper
switch logic is inverted (uses NO
switch).
NC switch when logic “0”.
20.
IN3
Tamper Switch Input 3
21.
IN4
Tamper Switch Positive Input 4
22.
RST
Voltage Qualified Reset Not Output
23 VDDSW Power Switch Indicator:
When
High, Battery backup is in use
24.
VDDO
Positive Power Supply Output
Typically 5 VDC for 5V operation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com