Electronic Components Datasheet Search
  English  ▼

X  

JA02TS Datasheet(PDF) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02TS
Description  LED power spotlight driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02TS Datasheet(HTML) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02TS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02T (文件编号:S&CIC0942)
LED 功率射灯驱动 IC
第 9 页 共 9 页
附页:分档测试标准
IC 型号
封装形式
档位
电压
电流
JA02
DIP-8
1
5V-7V
40-43ma
2
5V-7V
43-46ma
备注:以上各档位电压值 IC、 BOM 及变压器参数只供客户参考使用,实际结果以客户设计标准为准



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com