Electronic Components Datasheet Search
  English  ▼

X  

JA02TS Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # JA02TS
Description  LED power spotlight driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

JA02TS Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  JA02TS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. JA02TS Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
JA02T (文件编号:S&CIC0942)
LED 功率射灯驱动 IC
第 2 页 共 9 页
六、 电路原理图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Rev ision
Size
B
Date :
9-O ct-2012
Shee t
of
File:
D:\规格书\规格图\规格图-0\LY\JA02T电路原理图.DDB
Dra wn By :
5
4
1
2
5
5
10
2
2
T1
EE1 0
C1
4.7u F/400V 8*12
D6
1N4 148 SO D-323
D5
RS1 M DO-2 14AC
C2
472 250V
R2
100K 1206
R1
1M 1206
FR
10R 1W
Port
Port
D7
SS11 0 DO-2 14AC
C4
100U F/16V
9.6V 300m A
GND
LED 1
LED
R3
1.8R 1206
1
3
D1- D4
M7 DO-214 AC
R6
2K 0 805
C3
4.7U F/50V 0805
R4
16K 0805
R5
5.1K 0805
LED 2
LED
LED 3
LED
1
8
2
7
3
6
4
5
JA0 2T
SOP -8/DIP -8
C
GND
E
VDD
CS
FB
七、 电气参数
VCC=10.5V,Ta=25C,除非另有说明。
参数
符号
测试条件
最小值
典型值
最大值
单位
VCC
开启电压
VCCon
VCC 上升,从 0 开始
10
12
V
VCC
关断电压
VCCoff
开关打开之后 VCC 下降
5
5.3
5.5
V
工作电流
IDD
正常工作
1.5
3
mA
启动电流
IDDst
开关打开之前
35
50
uA
FB
电压
VFB
2.4
3
3.6
V
效率
η
78
%
前沿时间消隐
600
ns
过温关度点
140
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com