Electronic Components Datasheet Search
  English  ▼

X  

SC6008 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6008
Description  Flashlight IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6008 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6008 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6008 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6008 (文件编号:S&CIC0851)
手电筒 IC
第 1 页 共 2 页
一、 功能概述
此 IC 是通过电流达到升压效果;
输入电压:0.9V~2.0V;
使用 LED 的范围:适用 10mA~50mA 的 LED);
内建振荡频率,改变电感系数或改变电阻调节 LED 的输出电流;
电能转换效率:>80%。
二、
应用范围
装饰、礼品、玩具等。
三、
电特性
参数
符号
最小值
典型值
最大值
单位
工作电压
VDD
0.9
1.5
2
V
工作温度
Temp
0
25
60
℃
四、
PAD 坐标及封装图
PAD 图
Pad No.
Pad Name
X
Y
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
24-Dec-2010
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC6008.ddb
Drawn By :
VDD
IND
GND
PWM
EN
IC衬 底接 GND
1
EN
61
61
2
GND
426
67
3
IND
732
400
4
VDD
273
400
5
PWM
57
279
封装 TO-92
序号
名称
1
IND
2
VDD
3
GND


Similar Part No. - SC6008

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC600 SEMTECH-SC600 Datasheet
473Kb / 19P
mAhXLifeTM LED Driver with 5.0V, 4.5V, or 4.0V Output
logo
Switchcraft, Inc.
SC600 SWITCH-SC600 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Socay Electornics Co., ...
SC600-110 SOCAY-SC600-110 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
SC600-150 SOCAY-SC600-150 Datasheet
462Kb / 4P
Radial Lead Resettable Polymer PTCs
More results

Similar Description - SC6008

ManufacturerPart #DatasheetDescription
logo
Energizer
K220 ENERGIZER-K220 Datasheet
98Kb / 1P
Contractor Flashlight
logo
SHENZHEN FUMAN ELECTRON...
FM9601 FUMAN-FM9601 Datasheet
250Kb / 8P
Synchronized mobile power IC with button and flashlight
TC9306 FUMAN-TC9306 Datasheet
114Kb / 2P
LED flashlight control IC
logo
Shenzhen Huazhimei Semi...
HM5102 HMSEMI-HM5102 Datasheet
693Kb / 7P
Tact switch LED flashlight driver IC
HM5102B HMSEMI-HM5102B Datasheet
706Kb / 7P
Tact switch LED flashlight driver IC
HM5102C HMSEMI-HM5102C Datasheet
676Kb / 7P
Tact switch LED flashlight driver IC
HM6002 HMSEMI-HM6002 Datasheet
698Kb / 7P
Flashlight LED driver IC
HM6004A HMSEMI-HM6004A Datasheet
863Kb / 6P
Flashlight LED driver IC
HM5105 HMSEMI-HM5105 Datasheet
270Kb / 2P
3W flashlight driver IC
HM5101 HMSEMI-HM5101 Datasheet
266Kb / 2P
3W flashlight driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com