Electronic Components Datasheet Search
  English  ▼

X  

SC6008 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6008
Description  Flashlight IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6008 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6008 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6008 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6008 (文件编号:S&CIC0851)
手电筒 IC
第 2 页 共 2 页
五、 应用电路图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
27-Dec-2010
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC6008.ddb
Drawn By :
VDD
IND
GND
PWM
EN
IC衬 底接 GND
LED
LED
名称
功能说明
GND
电源负极
EN
内部测试
PWM
调节电流输出端
VDD
电源正极
IND
LED 输出
Vin = 1.5V 时,用不同电感输出电流变化如下:
负载是 3 个白色 LED
电感
输入电流(Iin) 输出电流(Iout)
22uH
182mA
43mA
47uH
158mA
43.5mA
56uH
135mA
37.5mA
注:建议采用 47uH 电感相对较好一些。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com