Electronic Components Datasheet Search
  English  ▼

X  

CLMUD-FKA Datasheet(PDF) 3 Page - Cree, Inc

Part # CLMUD-FKA
Description  Cree짰 PLCC4 3 in 1 RGB SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMUD-FKA Datasheet(HTML) 3 Page - Cree, Inc

  CLMUD-FKA Datasheet HTML 1Page - Cree, Inc CLMUD-FKA Datasheet HTML 2Page - Cree, Inc CLMUD-FKA Datasheet HTML 3Page - Cree, Inc CLMUD-FKA Datasheet HTML 4Page - Cree, Inc CLMUD-FKA Datasheet HTML 5Page - Cree, Inc CLMUD-FKA Datasheet HTML 6Page - Cree, Inc CLMUD-FKA Datasheet HTML 7Page - Cree, Inc CLMUD-FKA Datasheet HTML 8Page - Cree, Inc CLMUD-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC4 3 in 1 SMD RGB LED
CLMUD-FKA
INTENSITY BIN LIMIT (I
F = 5 mA)
Red
Bin Code
Min.(mcd)
Max.(mcd)
L8
36
45
3g3f
41
51
L9
45
56
3e3d
51
64
L
56
71
3c3b
64
81
Green
Bin Code
Min.(mcd)
Max.(mcd)
78
126
160
D
140
180
9a
160
202
E
180
224
bc
202
252
Blue
Bin Code
Min.(mcd)
Max.(mcd)
L6
22
28
3m3k
25
32
L7
28
36
3j3h
32
41
L8
36
45
Tolerance of measurement of luminous intensity is ±10%.
COLOR BIN LIMIT (I
F = 5 mA)
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B4
465
470
B45
467.5
472.5
B5
470
475
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com