Electronic Components Datasheet Search
  English  ▼

X  

CLMUD-FKA Datasheet(PDF) 4 Page - Cree, Inc

Part # CLMUD-FKA
Description  Cree짰 PLCC4 3 in 1 RGB SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMUD-FKA Datasheet(HTML) 4 Page - Cree, Inc

  CLMUD-FKA Datasheet HTML 1Page - Cree, Inc CLMUD-FKA Datasheet HTML 2Page - Cree, Inc CLMUD-FKA Datasheet HTML 3Page - Cree, Inc CLMUD-FKA Datasheet HTML 4Page - Cree, Inc CLMUD-FKA Datasheet HTML 5Page - Cree, Inc CLMUD-FKA Datasheet HTML 6Page - Cree, Inc CLMUD-FKA Datasheet HTML 7Page - Cree, Inc CLMUD-FKA Datasheet HTML 8Page - Cree, Inc CLMUD-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD RGB LED
CLMUD-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Pack-
age
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
CLMUD-FKA-CL83c3b78bcL6L8BB79453
Red
36
81
RB
619
RB
624
Reel
Green
126
252
G7
520
G9
535
Reel
Blue
22
45
B4
465
B5
475
Reel
CLMUD-FKA-CL81781L61BB7C4S3
Red
Any 1 Intensity bin from L8(36) - 3c3b(81)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from 78(126) - bc(252)
Any 1 hue bin from G7(520) - G9(535)
Reel
Blue
Any 1 Intensity bin from L6(22) - L8(45)
Any 1 hue bin from B4(465) - B5(475)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from 78 - bc means only 1 intensity-bin (78 or D or 9a or E or bc) will be
shipped by Cree.
3. For example, any 1 color-bin from G7 - G9 means only 1 color-bin (G7 or G23 or G8 or G45 or G9) will be shipped
by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document#2 for information about how to use this LED
product safely.
#1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf
#2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com