Electronic Components Datasheet Search
  English  ▼

X  

CLMXB-FKA Datasheet(PDF) 4 Page - Cree, Inc

Part # CLMXB-FKA
Description  Cree짰 PLCC4 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMXB-FKA Datasheet(HTML) 4 Page - Cree, Inc

  CLMXB-FKA Datasheet HTML 1Page - Cree, Inc CLMXB-FKA Datasheet HTML 2Page - Cree, Inc CLMXB-FKA Datasheet HTML 3Page - Cree, Inc CLMXB-FKA Datasheet HTML 4Page - Cree, Inc CLMXB-FKA Datasheet HTML 5Page - Cree, Inc CLMXB-FKA Datasheet HTML 6Page - Cree, Inc CLMXB-FKA Datasheet HTML 7Page - Cree, Inc CLMXB-FKA Datasheet HTML 8Page - Cree, Inc CLMXB-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD LED
CLMXB-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Pack-
age
Min.
Max.
Color
Bin
Min.
(nm)
Color Bin
Max.
(nm)
CLMXB-FKA-CbcfghjnpACBB79463
Red
202
403
RB
619
RB
624
Reel
Green
403
805
G7
520
G9
535
Reel
Blue
71
140
B4
465
B6
480
Reel
CLMXB-FKA-Cbc1hj1A1BB7C4C3
Red
Any 1 Intensity bin from bc(202) - fg(403)
RB
619
RB
624
Reel
Green
Any 1 Intensity bin from hj(403) - np(805)
Any 1 hue Bin from G7(520) - G9(535)
Reel
Blue
Any 1 Intensity bin from A(71) - C(140)
Any 1 hue Bin from B4(465) - B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-bin
code will be orderable in certain quantities. For example, any 1 intensity bin from hj - np means only 1 intensity bin
(hj or J or km or K or np) will be shipped by Cree. For example, any 1 color bin from G7 - G9 means only
1 color bin (G7 or G23 or G8 or G45 or G9) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED
product safely.
#1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf
#2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com