Electronic Components Datasheet Search
  English  ▼

X  

CLMXB-FKA Datasheet(PDF) 5 Page - Cree, Inc

Part # CLMXB-FKA
Description  Cree짰 PLCC4 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLMXB-FKA Datasheet(HTML) 5 Page - Cree, Inc

  CLMXB-FKA Datasheet HTML 1Page - Cree, Inc CLMXB-FKA Datasheet HTML 2Page - Cree, Inc CLMXB-FKA Datasheet HTML 3Page - Cree, Inc CLMXB-FKA Datasheet HTML 4Page - Cree, Inc CLMXB-FKA Datasheet HTML 5Page - Cree, Inc CLMXB-FKA Datasheet HTML 6Page - Cree, Inc CLMXB-FKA Datasheet HTML 7Page - Cree, Inc CLMXB-FKA Datasheet HTML 8Page - Cree, Inc CLMXB-FKA Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree PLCC4 3 in 1 SMD LED
CLMXB-FKA
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com