Electronic Components Datasheet Search
  English  ▼

X  

SC8211 Datasheet(PDF) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC8211
Description  16 Bit Digital to Analog Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC8211 Datasheet(HTML) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC8211 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC8211 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC8211(文件编号:S&CIC0452)
16 Bit Digital to Analog Converter
第 9 页 共 9 页
Symbol
Min
Nom
Max
A
-
-
0.210
A1
0.015
-
-
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
0.355
0.365
0.400
D1
0.005
-
-
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 bsc.
eA
0.300 bsc.
eB
-
-
0.430
eC
0.000
-
0.060
L
0.115
0.130
0.150
Notes:
1.
Controlling dimensions: INCHES.
2.
Dimensioning and tolerance per ANSI Y14.5M-1982.
3.
Symbols are defined in the “MO Series Symbol LIST” in section 2.2 of publication No.95.
4.
Dimension A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3.
5.
D, D1 and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
0.010 inch.
6.
E and eA measured with the leads constrained to be perpendicular to data
-c-
.
7.
eB and eC are measured at the lead tips with the leads unconstrained.
8.
N is the number of leads (N = 8).
9.
Pointed or rounded lead tips are preferred to ease insertion.
10. b2 and b3 maximum dimensions do not include dam bar protrusions. Dam bar protrusions shall not exceed
0.010 inch (0.25mm).
11. Variation BA has a b3 dimension and is 1/2 lead package.
12. Distance between the leads including dam bar protrusions to be 0.005 inch minimum.
13. Datum plane
-H- coincident with the bottom of lead, where lead exits the body.
14. Refer to JEDEC MS-001, Variation BA.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com