Electronic Components Datasheet Search
  English  ▼

X  

CMT1925 Datasheet(PDF) 10 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 6Page - Cree, Inc CMT1925 Datasheet HTML 7Page - Cree, Inc CMT1925 Datasheet HTML 8Page - Cree, Inc CMT1925 Datasheet HTML 9Page - Cree, Inc CMT1925 Datasheet HTML 10Page - Cree, Inc CMT1925 Datasheet HTML 11Page - Cree, Inc CMT1925 Datasheet HTML 12Page - Cree, Inc CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® CmT1925 LED
rELaTivE sPECTraL PowEr DisTribuTion - ETonE™ LEDs
The following graph is the result of a series of pulsed measurements at 700 mA and T
J = 85 °C.
ELECTriCaL CharaCTErisTiCs
The following graph is the result of a series of steady-state measurements.
EZW 90 CRI NBR (E-Tone?)
NBR data from: CMA1516_NBR_PrelimDatasheet_180911.xlsx
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
3000 K, 90 CRI
32
33
34
35
36
37
38
39
400
500
600
700
800
900
1000 1100 1200 1300 1400 1500 1600 1700
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com