Electronic Components Datasheet Search
  English  ▼

X  

CMT1925 Datasheet(PDF) 16 Page - Cree, Inc

Part # CMT1925
Description  Cree짰 XLamp짰 CMT1925 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMT1925 Datasheet(HTML) 16 Page - Cree, Inc

Back Button CMT1925 Datasheet HTML 12Page - Cree, Inc CMT1925 Datasheet HTML 13Page - Cree, Inc CMT1925 Datasheet HTML 14Page - Cree, Inc CMT1925 Datasheet HTML 15Page - Cree, Inc CMT1925 Datasheet HTML 16Page - Cree, Inc CMT1925 Datasheet HTML 17Page - Cree, Inc CMT1925 Datasheet HTML 18Page - Cree, Inc CMT1925 Datasheet HTML 19Page - Cree, Inc CMT1925 Datasheet HTML 20Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks and
eTone™ is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
16
XLamp® CmT1925 LED
CrEE PrEMiuM CoLor bins PLoTTED on ThE 1931 CiE CoLor sPaCE (T
J = 85 °C) - ContinueD
Speciality (2-step)
Speciality (3-step)
3000 K
3500 K
L7B
L7C
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
3000K
3500K
30Q
30U
31Q
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com