Electronic Components Datasheet Search
  English  ▼

X  

TC2811Z Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC2811Z
Description  Single-line transmission three-channel LED driver control dedicated chip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC2811Z Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC2811Z Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC2811Z Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC2811Z Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC2811Z Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC2811Z Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC2811Z(文件编号:S&CIC1651)
单线传输三通道 LED 驱动控制专用芯片
www.superchip.cn
第
4 页 共 5 页
Version 1.0
高位先发,按照 RGB 的顺序发送数据。
R7
R6
R5
R4
R3
R2
R1
R0
G7
G6
G5
G4
G3
G2
G1
G0
B7
B6
B5
B4
B3
B2
B1
B0
bit23………………………………………………………………………………………………………………………………………………bit0
DIN 输入数据格式: Trst+第 1 颗芯片 24bit 灰度数据+第 2 颗芯片 24bit 灰度数据+……+第 N 颗芯片 24bit 灰度
数据
典型应用电路
OUTR
1
OUTG
2
OUTB
3
GND
4
DOUT
5
DIN
6
NC
7
VDD
8
DC 5V
OUTR
1
OUTG
2
OUTB
3
GND
4
DOUT
5
DIN
6
NC
7
VDD
8
TO NEXT DIN
DATA
CIN
CIN
RIN
RIN
1、TC2811Z 典型应用电路参数包含电源输入电压 VIN,芯片 VDD 电容 CIN 。CIN 建议 0.1uF 或以上。RIN 根
据输入电压来取值。
2、建议 12V 应用方案(三灯串联)在信号输出端口串接 180
Ω(24V 时加 470Ω)电阻防止带电热拔插或电源和
信号线反接情况下损坏 IC 输出端。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com