Electronic Components Datasheet Search
  English  ▼

X  

XPD618B2 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # XPD618B2
Description  USB Power Delivery Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

XPD618B2 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  XPD618B2 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. XPD618B2 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD618A/B (文件编号:S&CIC1700)
USB Power Delivery 控制器
Version 1.1
第 1 页 共 7 页
Copyright©2018, 云矽半导体
1 特性
支持 USB Type -C 协议
- 配置为 DFP(Source)
- 广播 3A/1.5A 电流
支持 USB Power Delivery(PD)3.0 协议
- 集成完整 PD3.0 分层通信协议
- PDO 电压:5V,9V(XPD618A)
- PDO 电压:5V,9V,12V(XPD618B)
- 输出功率 18W
支持 Quick Charge 3.0/2.0 协议
支持华为 FCP/SCP 协议
支持三星 AFC 协议
支持 USB BC1.2 DCP
支持 Apple 2.4A 充电规范
集成 VBUS 通路低阻抗功率开关管
内置 VBUS Discharge 功能
支持线损补偿功能
外围极简,无需额外的电阻电容
安全性
- 过压/欠压保护
- 过流保护
- 过温保护
CC1/CC2/DP/DM 过压保护
ESD 特性±4KV
Package: SOP8
2 应用
AC-DC 适配器
USB 充电设备
3 应用简图
XPD618A/B
CC2
CC1
VPWR
DP
DM
FBO
GND
VBUS
USB
TYPE-C
Power
Supply
Feedback
100k
CVBUS


Similar Part No. - XPD618B2

ManufacturerPart #DatasheetDescription
logo
SHEN ZHEN FINE MADE ELE...
XPD618 SUPERCHIP-XPD618 Datasheet
2Mb / 14P
USB Type-C PD and Type-A dual-port controller
Version 1.4
logo
ShenZhen ChipSourceTek ...
XPD618 CHIPSOURCETEK-XPD618 Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
More results

Similar Description - XPD618B2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Rohm
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com