Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 104 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 104 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 100Page - Semtech Corporation GS3471 Datasheet HTML 101Page - Semtech Corporation GS3471 Datasheet HTML 102Page - Semtech Corporation GS3471 Datasheet HTML 103Page - Semtech Corporation GS3471 Datasheet HTML 104Page - Semtech Corporation GS3471 Datasheet HTML 105Page - Semtech Corporation GS3471 Datasheet HTML 106Page - Semtech Corporation GS3471 Datasheet HTML 107Page - Semtech Corporation GS3471 Datasheet HTML 108Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
104 of 179
Semtech
www.semtech.com
5. Register Map
5.1 Control Registers
Table 5-1: Host Configuration Register
Function
GSPI
Addressh
Register Name
Host Configuration Register
0
HOST_CONF_ REG_0
Table 5-2: Video Core Registers
Function
GSPI
Addressh
Register Name
IO Processing
800
IOPROC_1
801
IOPROC_2
Flywheel Switch Line
802 to 803
FWSL_ LINE1_FE1 to
FWSL_ LINE2_FE1
804 to 805
FWSL_ LINE1_FE2 to
FWSL_ LINE2_FE2
Sticky Error Status
806
ERROR_STAT_ 1_STICKY
808
ERROR_STAT_ 2_STICKY
Error Status
807
ERROR_STAT_1
809
ERROR_STAT_2
Error Detected Flag
80A
EDH_FLAG_IN
80B
EDH_ FLAG_OUT
Data Format
80C
DATA_ FORMAT_DS1
80E
DATA_ FORMAT_DS2
Video Standard Detection
80D
VID_STD_DS1
80F
VID_STD_DS2
Power Down
811
POWER_DOWN
IO Configuration
812
IO_CONFIG
813
IO_CONFIG_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com