Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 105 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 105 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 101Page - Semtech Corporation GS3471 Datasheet HTML 102Page - Semtech Corporation GS3471 Datasheet HTML 103Page - Semtech Corporation GS3471 Datasheet HTML 104Page - Semtech Corporation GS3471 Datasheet HTML 105Page - Semtech Corporation GS3471 Datasheet HTML 106Page - Semtech Corporation GS3471 Datasheet HTML 107Page - Semtech Corporation GS3471 Datasheet HTML 108Page - Semtech Corporation GS3471 Datasheet HTML 109Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
105 of 179
Semtech
www.semtech.com
ANC Control
817
ANC_CONTROL
ANC Extraction Line
818
ANC_LINEA
819
ANC_LINEB
ANC Type
81E to 822
ANC_TYPE_ 1_DS1 to
ANC_TYPE_ 5_DS1
823 to 827
ANC_TYPE_ 1_DS2 to
ANC_TYPE_ 5_DS2
Video Format
828 to 82B
VIDEO_ FORMAT_ 352_A_1 to
VIDEO_ FORMAT_ 352_D_1
82C to 82F
VIDEO_ FORMAT_ 352_A_2 to
VIDEO_ FORMAT_ 352_D_2
Raster Information
830 to 833
RASTER_ STRUC_1_DS1 to
RASTER_ STRUC_4_DS1
Flywheel Status
834
FLYWHEEL_ STATUS
Rate Selection
835
RATE_SEL
CEA-861-D Format
836
TIM_861_ FORMAT
CEA-861-D Configuration
837
TIM_861_CFG
Error Mask
848 to 84A
ERROR_ MASK_1 to
ERROR_ MASK_3
Audio Clock Control
84B
ACG_CTRL
Input Configuration
84D
INPUT_CONFIG
PLL Control
868
PLL_CTRL_0
869
PLD_CTRL_0
86A
PLD_CTRL_1
86B
PLL_STAT
PLL Status Sticky
86C
PLL_STICKY_ STAT
Offset Correction Configuration
86D
OFFSET_ CORRECTION_ CFG
LOS Control
86F
LOS_CTRL
Delay Line Control
870
DELAY_LINE_ CTRL_1
Delay Line Control
871
DELAY_LINE_ CTRL_2
Table 5-2: Video Core Registers (Continued)
Function
GSPI
Addressh
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com