Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 110 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 110 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 106Page - Semtech Corporation GS3471 Datasheet HTML 107Page - Semtech Corporation GS3471 Datasheet HTML 108Page - Semtech Corporation GS3471 Datasheet HTML 109Page - Semtech Corporation GS3471 Datasheet HTML 110Page - Semtech Corporation GS3471 Datasheet HTML 111Page - Semtech Corporation GS3471 Datasheet HTML 112Page - Semtech Corporation GS3471 Datasheet HTML 113Page - Semtech Corporation GS3471 Datasheet HTML 114Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
110 of 179
Semtech
www.semtech.com
Table 5-6: Equalizer Registers
Function
GSPI Addressh
Register Name
Equalizer Configuration 0
1
EQ_CONF_REG_0
Equalizer Configuration 1
2
EQ_CONF_REG_1
Equalizer Configuration 2
3
EQ_CONF_REG_2
Output Configuration 0
4
OUT_CONF_REG_0
Output Configuration 1
5
OUT_CONF_REG_1
Status Register
6
STATUS_REG_0
EQ LOS Filter Configuration
7
EQ_LOS_FILTER_
CONF_REG_0
LOS Filter Configuration
8
LOS_FILTER_ CONF_REG_1
Internal Source
Configuration
9
INT_OUT_ CONF_REG_0
Reset Register
7F
RESET_REG_0
Table 5-7: Glossary of Terms
Term
Description
RW
Read-write
RO
Read-only
WO
Write-only
ROCW1
Read-only, clear on write
ROCR
Read-only, clear on read
RSVD2
Read, modify, write
Note:
1) For each bit in the register that needs to be cleared, write 1.
If all bits in the register need to be cleared, write FFFFh.
2) To modify a bit in a register that has other bits marked RSVD, read
the existing value, modify only the non-reserved bits and then write
the final value. For example, to change bit 9 in register 989h, a read
would produce 0000h, modify to 0200h and write 0200h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com