Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 112 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 112 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 108Page - Semtech Corporation GS3471 Datasheet HTML 109Page - Semtech Corporation GS3471 Datasheet HTML 110Page - Semtech Corporation GS3471 Datasheet HTML 111Page - Semtech Corporation GS3471 Datasheet HTML 112Page - Semtech Corporation GS3471 Datasheet HTML 113Page - Semtech Corporation GS3471 Datasheet HTML 114Page - Semtech Corporation GS3471 Datasheet HTML 115Page - Semtech Corporation GS3471 Datasheet HTML 116Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
112 of 179
Semtech
www.semtech.com
Table 5-9: Video Core CSR Descriptions
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description
800
IOPROC_1
RSVD
15:15
—
—
Reserved.
LOW_LATENCY_BYPASS
14:14
RW
0
0 = Takes the low latency bypass path
through the audio and ancillary data
extraction when possible (when not
deleting or updating the packets).
1 = Takes the higher latency path through
the audio and ANC extraction regardless
of what specific features are
enabled/disabled.
FW_SWITCH_LINE_
OVERRIDE_FE1
13:13
RW
0
When HIGH, flywheel uses
FW_SWITCH_LINE values instead of the
indicated values in standards.
TRS_WORD_REMAP_
FE1_DISABLE_MASK
12:12
RW
0
When HIGH, disables TRS word remap.
EDH_FLAG_
UPDATE_MASK
11:11
RW
0
When HIGH, disables update for EDH error
flags.
EDH_CRC_INS_MASK
10:10
RW
0
When HIGH, disables EDH CRC error
correction and insertion.
H_CONFIG
9:9
RW
0
Selects the H blanking indication:
0 = Active picture timing
1 = SMPTE H timing
ANC_DATA_EXT_MASK
8:8
RW
0
When HIGH, disables ancillary data
extraction FIFO.
AUD_EXT_MASK
7:7
RW
0
When HIGH, disables audio extraction.
TIMING_861
6:6
RW
0
0 = Selects digital FVH timing output
1 = Selects 861 timing output
RSVD
5:5
RW
0
Reserved.
ILLEGAL_WORD_
REMAP_DS1_MASK
4:4
RW
0
When HIGH, disables illegal word
remapping.
ANC_CHECKSUM_
INSERTION_DS1_MASK
3:3
RW
0
When HIGH, disables insertion of ancillary
data checksums.
CRC_INS_DS1_MASK
2:2
RW
0
When HIGH, disables insertion of HD/3G
CRC words.
LNUM_INS_DS1_MASK
1:1
RW
0
When HIGH, disables insertion of HD/3G
line numbers.
TRS_INS_DS1_MASK
0:0
RW
0
When HIGH, disables insertion of TRS
words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com