Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 115 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 115 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 111Page - Semtech Corporation GS3471 Datasheet HTML 112Page - Semtech Corporation GS3471 Datasheet HTML 113Page - Semtech Corporation GS3471 Datasheet HTML 114Page - Semtech Corporation GS3471 Datasheet HTML 115Page - Semtech Corporation GS3471 Datasheet HTML 116Page - Semtech Corporation GS3471 Datasheet HTML 117Page - Semtech Corporation GS3471 Datasheet HTML 118Page - Semtech Corporation GS3471 Datasheet HTML 119Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
115 of 179
Semtech
www.semtech.com
807
ERROR_STAT_1
RSVD
15:10
—
—
Reserved.
FF_CRC_ERR
9:9
ROCW
0
EDH full frame CRC error indication.
AP_CRC_ERR
8:8
ROCW
0
EDH active picture CRC error indication.
LOCK_ERR
7:7
ROCW
0
Lock error indication.
CCS_ERR_1
6:6
ROCW
0
Chroma/DS2 ancillary data checksum
error indication.
YCS_ERR_1
5:5
ROCW
0
Luma/DS1 ancillary data checksum error
indication.
CCRC_ERR_1
4:4
ROCW
0
Chroma/DS2 CRC error indication (HD/3G
only).
YCRC_ERR_1
3:3
ROCW
0
Luma/DS1 CRC error indication (HD/3G
only).
LNUM_ERR_1
2:2
ROCW
0
Line number error indication (HD/3G
only).
SAV_ERR_1
1:1
ROCW
0
SAV error indication.
EAV_ERR_1
0:0
ROCW
0
EAV error indication.
808
ERROR_STAT_
2_STICKY
RSVD
15:7
—
—
Reserved.
CCS_ERR_2_STICKY
6:6
ROCR
0
Chroma ancillary data checksum error
indication for the second stream of a 3G
level B input – sticky, clear on read.
YCS_ERR_2_STICKY
5:5
ROCR
0
Luma ancillary data checksum error
indication for the second stream of a 3G
level B input– sticky, clear on read.
CCRC_ERR_2_STICKY
4:4
ROCR
0
Chroma CRC error indication for the
second stream of a 3G level B input –
sticky, clear on read.
YCRC_ERR_2_STICKY
3:3
ROCR
0
Luma CRC error indication for the second
stream of a 3G level B input – sticky, clear
on read.
LNUM_ERR_2_STICKY
2:2
ROCR
0
Line number error indication for the
second stream of a 3G level B input –
sticky, clear on read.
SAV_ERR_2_STICKY
1:1
ROCR
0
SAV error indication for the second stream
of a 3G level B input– sticky, clear on read.
EAV_ERR_2_STICKY
0:0
ROCR
0
EAV error indication for the second stream
of a 3G level B input – sticky, clear on read.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com