Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 117 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 117 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 113Page - Semtech Corporation GS3471 Datasheet HTML 114Page - Semtech Corporation GS3471 Datasheet HTML 115Page - Semtech Corporation GS3471 Datasheet HTML 116Page - Semtech Corporation GS3471 Datasheet HTML 117Page - Semtech Corporation GS3471 Datasheet HTML 118Page - Semtech Corporation GS3471 Datasheet HTML 119Page - Semtech Corporation GS3471 Datasheet HTML 120Page - Semtech Corporation GS3471 Datasheet HTML 121Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
117 of 179
Semtech
www.semtech.com
80A
EDH_FLAG_IN
EDH_DETECT
15:15
RO
0
Embedded EDH packet detected.
ANC_UES_IN
14:14
RO
0
Ancillary data – unknown error status flag.
ANC_IDA_IN
13:13
RO
0
Ancillary data – internal error detected
already flag.
ANC_IDH_IN
12:12
RO
0
Ancillary data – internal error detected
here flag.
ANC_EDA_IN
11:11
RO
0
Ancillary data – error detected already
flag.
ANC_EDH_IN
10:10
RO
0
Ancillary data – error detected here flag.
FF_UES_IN
9:9
RO
0
EDH Full Field – unknown error status flag.
FF_IDA_IN
8:8
RO
0
EDH Full Field – internal error detected
already flag.
FF_IDH_IN
7:7
RO
0
EDH Full Field – internal error detected
here flag.
FF_EDA_IN
6:6
RO
0
EDH Full Field – error detected already
flag.
FF_EDH_IN
5:5
RO
0
EDH Full Field – error detected here flag.
AP_UES_IN
4:4
RO
0
EDH Active Picture – unknown error status
flag.
AP_IDA_IN
3:3
RO
0
EDH Active Picture – internal error
detected already flag.
AP_IDH_IN
2:2
RO
0
EDH Active Picture – internal error
detected here flag.
AP_EDA_IN
1:1
RO
0
EDH Active Picture – error detected
already flag.
AP_EDH_IN
0:0
RO
0
EDH Active Picture – error detected here
flag.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com