Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 120 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 120 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 116Page - Semtech Corporation GS3471 Datasheet HTML 117Page - Semtech Corporation GS3471 Datasheet HTML 118Page - Semtech Corporation GS3471 Datasheet HTML 119Page - Semtech Corporation GS3471 Datasheet HTML 120Page - Semtech Corporation GS3471 Datasheet HTML 121Page - Semtech Corporation GS3471 Datasheet HTML 122Page - Semtech Corporation GS3471 Datasheet HTML 123Page - Semtech Corporation GS3471 Datasheet HTML 124Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
120 of 179
Semtech
www.semtech.com
80E
DATA_
FORMAT_DS2
RSVD
15:8
—
—
Reserved.
CDATA_FORMAT_AP2
7:4
RO
F
Data format as indicated in Chroma
channel of the second stream of a 3G level
B input:
0000b = DVC Pro without ECC
0001b = DVC Pro with ECC
0010b = DV CAM
0011b = SDTi CP
0100b = Other fixed blocksize
0101b = Other variable blocksize
0110b = Other SDI
0111b = Reserved
1000b = TDM Video
1001b = HD SDTi
1010b to 1110b = Reserved
1111b = Unknown
YDATA_FORMAT_AP2
3:0
RO
F
Data format as indicated in Luma channel
of the second stream of a 3G level B input:
0000b = DVC Pro without ECC
0001b = DVC Pro with ECC
0010b = DV CAM
0011b = SDTi CP
0100b = Other fixed blocksize
0101b = Other variable blocksize
0110b = Other SDI
0111b = Reserved
1000b = TDM Video
1001b = HD SDTi
1010b to 1110b = Reserved
1111b = Unknown
80F
VID_STD_DS2
RSVD
15:10
—
—
Reserved.
LINK_DS2
9:6
RO
0
Link indication: bits [7:4] of Byte 4 of
SMPTE 352 packet.
VD_STD_DS2
5:0
RO
1D
Detected video standard.
810
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com