Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 122 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 122 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 118Page - Semtech Corporation GS3471 Datasheet HTML 119Page - Semtech Corporation GS3471 Datasheet HTML 120Page - Semtech Corporation GS3471 Datasheet HTML 121Page - Semtech Corporation GS3471 Datasheet HTML 122Page - Semtech Corporation GS3471 Datasheet HTML 123Page - Semtech Corporation GS3471 Datasheet HTML 124Page - Semtech Corporation GS3471 Datasheet HTML 125Page - Semtech Corporation GS3471 Datasheet HTML 126Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
122 of 179
Semtech
www.semtech.com
813
IO_CONFIG_2
RSVD
15:15
—
—
Reserved.
STAT5_CONFIG
14:10
RW
6
Configure STAT5 output pin. Refer to
STAT2_CONFIG for decoding.
STAT4_CONFIG
9:5
RW
4
Configure STAT4 output pin. Refer to
STAT2_CONFIG for decoding.
STAT3_CONFIG
4:0
RW
3
Configure STAT3 output pin. Refer to
STAT2_CONFIG for decoding.
814 to 816
RSVD
RSVD
15:0
—
—
Reserved.
817
ANC_CONTROL
RSVD
15:5
—
—
Reserved.
WR_PTR_CLR
4:4
RW
0
Clears the FIFO to idle.
ANC_DATA_SWITCH
3:3
RW
0
Switches between FIFO memories.
ANC_DATA_DEL
2:2
RW
0
Removes ancillary data from output video
stream.
HD_ANC_Y1_C2
1:1
RW
0
Extracts ancillary data from both Y (DS1)
and C (DS2).
HD_ANC_C2
0:0
RW
0
Extracts ancillary data from C (DS2) only.
818
ANC_LINEA
RSVD
15:11
—
—
Reserved.
ANC_LINE_A
10:0
RW
0
Video line number to extract ancillary
data from.
819
ANC_LINEB
RSVD
15:11
—
—
Reserved.
ANC_LINE_B
10:0
RW
0
Second video line number to extract
ancillary data from.
81A to 81D
RSVD
RSVD
15:0
—
—
Reserved.
81E
ANC_TYPE_
1_DS1
ANC_TYPE1_DS1
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
81F
ANC_TYPE_
2_DS1
ANC_TYPE2_DS1
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
820
ANC_TYPE_
3_DS1
ANC_TYPE3_DS1
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
821
ANC_TYPE_
4_DS1
ANC_TYPE4_DS1
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com