Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 125 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 125 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 121Page - Semtech Corporation GS3471 Datasheet HTML 122Page - Semtech Corporation GS3471 Datasheet HTML 123Page - Semtech Corporation GS3471 Datasheet HTML 124Page - Semtech Corporation GS3471 Datasheet HTML 125Page - Semtech Corporation GS3471 Datasheet HTML 126Page - Semtech Corporation GS3471 Datasheet HTML 127Page - Semtech Corporation GS3471 Datasheet HTML 128Page - Semtech Corporation GS3471 Datasheet HTML 129Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
125 of 179
Semtech
www.semtech.com
834
FLYWHEEL_
STATUS
RSVD
15:5
—
—
Reserved.
V_LOCK_FE2
4:4
RO
0
Indicates that flywheel is locked to V
timing.
H_LOCK_FE2
3:3
RO
0
Indicates that flywheel is locked to H
timing.
RSVD
2:2
—
—
Reserved.
V_LOCK_FE1
1:1
RO
0
Indicates that flywheel is locked to V
timing.
H_LOCK_FE1
0:0
RO
0
Indicates that flywheel is locked to H
timing.
835
RATE_SEL
RSVD
15:5
—
—
Reserved.
SMPTE_BYPASS
4:4
RW
1
When AUTO_MAN is LOW, this is the
SMPTE_BYPASS value.
0 = Input is in SMPTE_BYPASS mode
1 = Input is in SMPTE mode
DVB_ASI
3:3
RW
0
When AUTO_MAN is LOW, this is the
DVB_ASI value.
0 = Input is not DVB_ASI
1 = Input is DVB_ASI
AUTO_MAN
2:2
RW
1
Data rate detect mode:
0 = Manual mode
1 = Automatic mode
RATE_SEL_TOP
1:0
RW
0
Programmable rate select in manual
mode:
00b = HD
01b, 11b = SD
10b = 3G
836
TIM_861_
FORMAT
RSVD
15:7
—
—
Reserved.
FORMAT_ERR
6:6
RO
1
Indicates standard is not recognized for
CEA861-D conversion.
FORMAT_ID_861
5:0
RO
0
CEA-861-D format ID of input video
stream.
837
TIM_861_CFG
RSVD
15:3
—
—
Reserved.
VSYNC_INVERT
2:2
RW
0
Invert V-sync pulse.
HSYNC_INVERT
1:1
RW
0
Invert H-sync pulse.
RSVD
0:0
RW
—
Reserved.
838 to 847
RSVD
RSVD
15:0
—
—
Reserved.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com