Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 128 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 128 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 124Page - Semtech Corporation GS3471 Datasheet HTML 125Page - Semtech Corporation GS3471 Datasheet HTML 126Page - Semtech Corporation GS3471 Datasheet HTML 127Page - Semtech Corporation GS3471 Datasheet HTML 128Page - Semtech Corporation GS3471 Datasheet HTML 129Page - Semtech Corporation GS3471 Datasheet HTML 130Page - Semtech Corporation GS3471 Datasheet HTML 131Page - Semtech Corporation GS3471 Datasheet HTML 132Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
128 of 179
Semtech
www.semtech.com
84D
INPUT_CONFIG
RSVD
15:8
—
—
Reserved.
SEL_TERM
7:6
RW
0
Input termination control:
SEL_TERM[0] controls DDI/DDI
SEL_TERM[1] controls SDI/SDI
0 = Selects 50Ω termination
1 = Selects high impedance
RSVD
5:4
—
—
Reserved.
SEL_INPUT
3:2
RW
3
00b = Selects DDI/DDI parallel retimed
output and DDO path
01b= Selects SDI/SDI parallel retimed
output and DDI/DDI for DDO path
10 b= Selects DDI/DDI parallel retimed
output and SDI/SDI for DDO path
11b = Selects SDI/SDI parallel retimed
output and DDO path
RSVD
1:0
—
—
Reserved.
84E to 867
RSVD
RSVD
15:0
—
—
Reserved.
868
PLL_CTRL_0
RSVD
15:2
—
—
Reserved.
CD_SELECT
1:0
RW
2
Controls the source of CARRIER_DETECT:
00b = CD_DIGITAL_FILT (edge detector)
01b = CD_ANALOG_FILT (LOS detector)
10b = CD_DIGITAL_FILT AND
CD_ANALOG_FILT
11b = CD_DIGITAL_FILT OR
CD_ANALOG_FILT
869
PLD_CTRL_0
RSVD
15:0
—
—
Reserved.
86A
PLD_CTRL_1
RSVD
15:0
—
—
Reserved.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com