Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 129 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 129 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 125Page - Semtech Corporation GS3471 Datasheet HTML 126Page - Semtech Corporation GS3471 Datasheet HTML 127Page - Semtech Corporation GS3471 Datasheet HTML 128Page - Semtech Corporation GS3471 Datasheet HTML 129Page - Semtech Corporation GS3471 Datasheet HTML 130Page - Semtech Corporation GS3471 Datasheet HTML 131Page - Semtech Corporation GS3471 Datasheet HTML 132Page - Semtech Corporation GS3471 Datasheet HTML 133Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
129 of 179
Semtech
www.semtech.com
86B
PLL_STAT
RSVD
15:10
—
—
Reserved.
PLLSM_CDRSEL
9:9
RO
0
Unforced CDRSEL output:
0 = The device is using the clock as
reference
1 = The device is using data as reference
PLLSM_LOCK
8:8
RO
0
Unforced LOCK output.
LOS
7:7
RO
0
Loss of signal indicator. Inverse of
CARRIER_DETECT.
PHASELOCK_ANALOG
6:6
RO
0
Output of analog lock detector.
PLD_PHASELOCK_
DIGITAL
5:5
RO
0
Output of digital phaselock detector.
CD_CARRIER_DETECT
4:4
RO
0
Unforced CARRIER_DETECT signal (after
MUX).
CD_DIGIAL_FILT
3:3
RO
0
Filtered digital carrier detect status:
0 = The edge detection circuit is not
detecting data
1 = The edge detection circuit is detecting
data
CD_ANALOG_FILT
2:2
RO
0
Filtered analog carrier detect status:
0 = When LOW, the LOS circuit is not
detecting data
1 = When HIGH the LOS circuit is
detecting data
RSVD
1:0
—
—
Reserved.
86C
PLL_STICKY_
STAT
RSVD
15:7
—
—
Reserved.
LOCK_LOST_STICKY
6:6
ROCW
0
Sticky bit for loss of lock indicator. Inverse
of LOCK output.
PHASELOCK_
LOST_STICK
5:5
ROCW
0
Sticky bit for loss of phaselock indicator.
Inverse of phaselock output from
PHASE_DETECTOR.
LOS_STICKY
4:4
ROCW
0
Sticky bit for loss of signal indicator (after
MUX). Inverse of CARRIER_DETECT.
RSVD
3:0
ROCW
—
Reserved.
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com