Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 123 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 123 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 119Page - Semtech Corporation GS3471 Datasheet HTML 120Page - Semtech Corporation GS3471 Datasheet HTML 121Page - Semtech Corporation GS3471 Datasheet HTML 122Page - Semtech Corporation GS3471 Datasheet HTML 123Page - Semtech Corporation GS3471 Datasheet HTML 124Page - Semtech Corporation GS3471 Datasheet HTML 125Page - Semtech Corporation GS3471 Datasheet HTML 126Page - Semtech Corporation GS3471 Datasheet HTML 127Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
123 of 179
Semtech
www.semtech.com
822
ANC_TYPE_
5_DS1
ANC_TYPE5_DS1
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
823
ANC_TYPE_
1_DS2
ANC_TYPE1_DS2
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
824
ANC_TYPE_
2_DS2
ANC_TYPE2_DS2
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
825
ANC_TYPE_
3_DS2
ANC_TYPE3_DS2
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
826
ANC_TYPE_
4_DS2
ANC_TYPE4_DS2
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
827
ANC_TYPE_
5_DS2
ANC_TYPE5_DS2
15:0
RW
0
Programmable DID/SDID pair to extract:
[15:8] = DID
[7:0] = SDID
828
VIDEO_
FORMAT_
352_A_1
VIDEO_FORMAT_2_
DS1_LUMA
15:8
RO
0
SMPTE 352 embedded packet Luma –
byte 2.
VIDEO_FORMAT_1_
DS1_LUMA
7:0
RO
0
SMPTE 352 embedded packet Luma –
byte 1:
[7] = VERSION_352M
[6:0] = Video Payload Identifier
829
VIDEO_
FORMAT_
352_B_1
VIDEO_FORMAT_4_
DS1_LUMA
15:8
RO
0
SMPTE 352 embedded packet Luma –
byte 4.
VIDEO_FORMAT_3_
DS1_LUMA
7:0
RO
0
SMPTE 352 embedded packet Luma –
byte 3.
82A
VIDEO_
FORMAT_
352_C_1
VIDEO_FORMAT_2_
DS1_CHROMA
15:8
RO
0
SMPTE 352 embedded packet Chroma –
byte 2.
VIDEO_FORMAT_1_
DS1_CHROMA
7:0
RO
0
SMPTE 352 embedded packet Chroma –
byte 1.
82B
VIDEO_
FORMAT_
352_D_1
VIDEO_FORMAT_4_
DS1_CHROMA
15:8
RO
0
SMPTE 352 embedded packet Chroma –
byte 4.
VIDEO_FORMAT_3_
DS1_CHROMA
7:0
RO
0
SMPTE 352 embedded packet Chroma –
byte 3.
82C
VIDEO_
FORMAT_
352_A_2
VIDEO_FORMAT_2_
DS2_LUMA
15:8
RO
0
SMPTE 352 embedded packet – byte 2 (3G
mode - second data stream).
VIDEO_FORMAT_1_
DS2_LUMA
7:0
RO
0
SMPTE 352 embedded packet – byte 1 (3G
mode - second data stream):
[7] = VERSION_352M
[6:0] = Video Payload Identifier
Table 5-9: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com