Electronic Components Datasheet Search
  English  ▼

X  

41B Datasheet(PDF) 2 Page - MKS Instruments.

Part # 41B
Description  Provides high reliability which reduces downtime and lowers the cost of ownership
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

41B Datasheet(HTML) 2 Page - MKS Instruments.

  41B Datasheet HTML 1Page - MKS Instruments. 41B Datasheet HTML 2Page - MKS Instruments. 41B Datasheet HTML 3Page - MKS Instruments. 41B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The design of these switches is based on the well-known
MKS Baratron® capacitance manometer principle of
operation. MKS has utilized this capacitance technology
for more than three decades and it remains the most
stable, accurate, and reliable sensor available today. The
pressure switches sense the deflection of a diaphragm
due to applied pressure, providing a switched output
when pressure exceeds or drops below the chosen set
point. The dual electrode sensor is an all-metal, all-welded
design, thus exposing only corrosion-resistant 316L
S.S. and Inconel® to process gases. The sensor is then
mated to sophisticated electronics to further optimize
performance. The resulting enhanced accuracy and long-
term stability yield a switch with unparalleled repeatability.
The relay mode on 41B, 42B, 51B, and 52B switches can
be set to either energize above or below the set point. If
the unit loses power, the relay switches to the Normally
Closed position. The user can indicate whether the
Normally Closed position is above or below the set point.
Using Energize Above the set point as an example, the
relay is in the Normally Open position when the pressure
is higher than the trip point and Normally Closed when the
pressure is below the trip point. The scenario is reversed
for Energize Below the set point option. In vacuum
systems, the fail-safe operation is if the system loses
power causing the relay to de-energize, the relay is in the
same state as the high pressure condition. Therefore, most
vacuum systems require the relay energize with pressure
decreasing or below the set point.
The 41B, 42B, 51B and 52B Vacuum, Atmospheric and
Pressure Switches provide increased accuracy over
mechanical type switches, thereby providing tighter control
and repeatability of process, improving throughput and
yield.
Dimensional Drawing: Single Ended—
Note: Unless otherwise specified, dimensions are nomi-
nal values in inches (mm referenced).
Output Connections
9-pin Type “D”
Flying Leads
1.
Power Return (-)
Red - Power Input (+)
2.
Power Input (+)
Black - Power Return (-)
3.
Relay NO Contact
Green - Relay NO Contact
4.
Relay Common
White - Relay Common
5.
Relay NC Contact
Orange - Relay NC Contact
6.
Unused
Bare Wire - Chassis Ground
7.
Unused
8.
Unused
9.
Chassis Ground
Low Pressure (1000 Torr and lower)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com