Electronic Components Datasheet Search
  English  ▼

X  

41B Datasheet(PDF) 4 Page - MKS Instruments.

Part # 41B
Description  Provides high reliability which reduces downtime and lowers the cost of ownership
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

41B Datasheet(HTML) 4 Page - MKS Instruments.

  41B Datasheet HTML 1Page - MKS Instruments. 41B Datasheet HTML 2Page - MKS Instruments. 41B Datasheet HTML 3Page - MKS Instruments. 41B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Dimensional Drawing: Flow Through-
Note: Unless otherwise specified,
dimensions are nominal values in inches
(mm referenced).
11T
A
CA
1
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
41B_52B - 1/18
© 2009-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark and Baratron® is a registered trademark of MKS
Instruments, Inc., Andover, MA. Inconel® is a registered trademark of Inco Alloys International, Huntington, WV.
Swagelok® and VCR® are registered trademarks of Swagelok Marketing Co., Solon, OH.
41B only
41B/42B only
41B/51B only
41B/51B only
A
005
41B
Ordering Code Example: 41B11TCA1AA005
41B, 42B, 51B, 52B
Code
Configuration
Unheated Vacuum/Pressure Switch
Single-ended gauge
41B
Flow-through gauge
42B
Single-ended absolute
51B
Flow-through absolute
52B
Full Scale Ranges Available (Contact Applications Engineering for other engineering units)
10 Torr
11T
30 Torr
31T
100 Torr
12T
500 Torr
52T
1000 Torr
13T
20 psi
21P
50 psi
51P
100 psi
12P
250 psi
RDP
500 psi
52P
For Reverse Calibration only1 (trip point below atmospheric pressure):
10 Torr
11D
30 Torr
31D
100 Torr
12D
500 Torr
52D
1000 Torr
13D
20 psi
21C
50 psi
51C
100 psi
12C
250 psi
RDC
500 psi
52C
Fittings
NW 16 KF
GA
1/8 NPT male
FE
1/4 NPT male
FB
4 VCR fixed male
CA
4 VCR female
CD
4 VCR fixed male
42B/52B only
CH
Input Voltage
10-20 VDC
1
20-30 VDC
2
Relay Mode
Energizes with pressure above the set point
A
Energizes with pressure below the set point
B
Connector
9-pin Type “D” male
A
Flying leads - 2 ft. shielded cable
F
Trip Point2
Three digit value (in same units as F.S. ranges)
XXX
(For reverse calibration, the trip point is given as value below atmosphere.)
1 For a trip point of 000 (atmospheric pressure), use a reverse calibration Full Scale range code.
2 For the absolute model, the trip point is the actual pressure at which the relay should trip. For the
atmosphere model, the trip point is the pressure above or below atmospheric pressure at which the
relay should trip.
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com