Electronic Components Datasheet Search
  English  ▼

X  

600 Datasheet(PDF) 7 Page - MKS Instruments.

Part # 600
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

600 Datasheet(HTML) 7 Page - MKS Instruments.

Back Button 600 Datasheet HTML 3Page - MKS Instruments. 600 Datasheet HTML 4Page - MKS Instruments. 600 Datasheet HTML 5Page - MKS Instruments. 600 Datasheet HTML 6Page - MKS Instruments. 600 Datasheet HTML 7Page - MKS Instruments. 600 Datasheet HTML 8Page - MKS Instruments. 600 Datasheet HTML 9Page - MKS Instruments. 600 Datasheet HTML 10Page - MKS Instruments. 600 Datasheet HTML 11Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Specifications
625F
631D
E27F
E28F
E29F
D24F
D25F
D27F
D28F
Heated to 100°C,
15-pin D-connector,
Relays
Heated to 150°C
or 200°C, 15-pin
D-connector,
Relays Optional
Etch Sensor, Heated to
45°C, 15-pin
D-connector
Etch Sensor, Heated
to 100°C, 15-pin
D-connector
Etch Sensor, Heated to
45°C or 100°C,
9-pin D-connector
Dual Range,
Heated to 45°C,
15-pin D-connector,
Relays
Dual Range,
Heated to 100°C,
15-pin D-connector,
Relays
Dual Range,
Heated to 45°C,
15-pin D-connector
Dual Range,
Heated to 100°C,
15-pin D-connector
1, 10, 20, 100, 500,
1000, 2000, 5000,
10000, 15000, and
20000 (1.33 to 26315)
1, 2, 10, 100, and 1000
(1.33 to 1333)
0.02, 0.05, 0.1, 0.25,
1, 2, 10, 20, and 100
(0.026 to 133)
0.05, 0.1, 0.25, 1, 2,
10, 20, and 100
(0.026 to 133)
0.02, 0.05, 0.1, 0.25, 1,
2, 10, 20, and 100 (0.026
to 133)
10, 100, and 1000
(13.3 to 1333)
10, 100, and 1000
(13.3 to 1333)
1, 10, 100, and 1000
(1.33 to 1333)
1, 10, 100, and 1000
(1.33 to 1333)
0.25%
0.50%
0.12% for 1 Torr and
above; 0.15% for 0.25,
0.1, and 0.05 Torr;
0.25% for 0.02 Torr
0.25% for 1 Torr and
above; 0.50% for below
1 Torr
For 45°C models: 0.12%
for 1 Torr and above;
0.15% for 0.25, 0.1, and
0.05 Torr. For 100°C
models: 0.25% for 1 Torr
and above; 0.50% for
below 1 Torr.
0.12%
0.25%
0.12%
0.25%
0.001%
0.001%
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001%
0.001%
0.001%
0.001%
0.002%
150°C models: 0.004%
for 10 Torr and higher;
0.006% for 1 and 2
Torr. 200°C models:
0.008% for 10 Torr and
higher; 0.016% for 1
and 2 Torr.
0.002% for 1 Torr and
higher; 0.005% for 0.1
and 0.25 Torr; 0.015%
for 0.05 Torr; 0.030%
for 0.02 Torr
0.002% for 1 Torr and
higher; 0.010% for 0.1
and 0.25 Torr; 0.015%
for 0.05 Torr
Same as E27F and E28F
specifications for 45°C
and 100°C temperatures.
0.002%
0.002%
0.002%
0.002%
0.02%
0.10%
0.02%
0.02%
0.02%
0.02%
0.02%
0.02%
0.02%
15 to 50°C
15 to 50°C
15 to 40°C
15 to 50°C
45°C models: 15 to
40°C. 100°C models: 15
to 50°C.
15 to 40°C
15 to 50°C
15 to 40°C
15 to 50°C
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
4 hours
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours
2 hours
2 hours
2 hours
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy alloys Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
6.3
6.2
6.3
6.3
6.3
6.3
6.3
6.3
6.3
±15VDC (±5%) @ 600
mA max
±15VDC (± 5%) @ 1.0
A max
±15VDC (±5%) @ 250
mA max
±15VDC (±5%) @ 500
mA max
Same as E27F and E28F
specifications for 45°C
and 100°C temperatures.
±15VDC (±5%) @ 400
mA max
±15VDC (±5%) @ 600
mA max
±15VDC (±5%) @ 250
mA max
±15VDC (±5%) @ 500
mA max
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
(2) independent relays,
SPDT contacts rated
at 1 amp @ 30VDC
or 0.5 amp @ 30 VAC
resistive. Each relay
adjustable from 0.1%
to 100% of FS range.
12.5 k ohm max source
impedance.
(2) process pressure
& (1) heater failure trip
relay mounted inter-
nally. Pressure relays
independently adjust-
able from 0-100% FS,
DPDT contacts rated at
1 amp @ 30VDC
or 0.5 amps @ 30VAC.
Relays conform to UL-
1950 Basic Insulation
at 125V.
Not Applicable
Not Applicable
Not Applicable
(2) independent relays,
SPDT contacts rated
at 1 amp @ 30VDC
or 0.5 amp @ 30 VAC
resistive. Each relay
adjustable from 0.1%
to 100% of FS range.
12.5 k ohm max source
impedance.
(2) independent relays,
SPDT contacts rated
at 1 amp @ 30VDC
or 0.5 amp @ 30 VAC
resistive. Each relay
adjustable from 0.1%
to 100% of FS range.
12.5 k ohm max source
impedance.
Not Applicable
Not Applicable
15-pin D-subminiature
with thread locks, 15-
pin D-subminiature with
slide locks, terminal
block adapter, 15-pin D-
subminiature, filtered
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
9-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
NW 16 KF (right
angle), NW25-KF
8 Female VCR, NW16-
KF, 1.5" OD TriClover, 2"
OD TriClover
8 Female VCR, 1.33"
OD Conflat, NW16-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF
8 Female VCR, 1.33" OD
Conflat, NW16-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
NW25-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
NW25-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
NW25-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
NW25-KF
CE
CE
CE
CE
CE
CE
CE
CE
CE
15-pin D-connector with
slide locks; Terminal
Block Adaptor
Relay Settings
Heater Status
Indication; Horizontal
Calibration
Heater Status
Indication; Horizontal
Calibration
Heater Status Indication;
External Zero Adjust (not
available
on 0.02 Torr/45°C or 0.05
Torr/100°C
configurations;
Horizontal calibration
15-pin D-subminiature
with slide locks
15-pin D-subminiature
with slide locks
15-pin D-subminiature
with slide locks
15-pin D-subminiature
with slide locks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com