Electronic Components Datasheet Search
  English  ▼

X  

600 Datasheet(PDF) 15 Page - MKS Instruments.

Part # 600
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

600 Datasheet(HTML) 15 Page - MKS Instruments.

Back Button 600 Datasheet HTML 8Page - MKS Instruments. 600 Datasheet HTML 9Page - MKS Instruments. 600 Datasheet HTML 10Page - MKS Instruments. 600 Datasheet HTML 11Page - MKS Instruments. 600 Datasheet HTML 12Page - MKS Instruments. 600 Datasheet HTML 13Page - MKS Instruments. 600 Datasheet HTML 14Page - MKS Instruments. 600 Datasheet HTML 15Page - MKS Instruments. 600 Datasheet HTML 16Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
629F and E29F
629F
J
4
B
11T
C
B
Configuration
Ordering Code Example: 629F11TBCJ4B
Code
Example
Absolute Capacitance Manometers
9-pin D-connector, standard sensor
629F
9-pin D-connector, etch sensor
E29F
Pressure Ranges Full Scale (Torr)
0.02 (available on 45oC models only)
U2T
0.05
U5T
0.10
.1T
0.25
RET
1
01T
2
02T
10
11T
20
21T
100
12T
1000 (available on 629D only)
13T
Fittings
1/2” OD (12.7 mm) tubulation
A
Swagelok 8 VCR, female
B
1.33” OD Conflat, rotatable1
C
NW16-KF2
D
Swagelok 8 VCO, female (629D only)
E
Accuracy (% of Reading)
0.12% (45oC products in 1 Torr range and higher)
C
0.15% (45oC products in 0.25, 0.10, 0.05 Torr ranges)
D
0.25% (100oC products 1 Torr range or higher, and 0.02 Torr 45oC products)
E
0.50% (100oC products in 0.25, 0.10, 0.05 Torr ranges)
F
Sensor Temperature
45oC
J
100oC
L
Options
Standard configuration, vertical calibration
1
Heater status indication, vertical calibration
2
External zero, vertical cal (N/A for 0.02 Torr or 100oC/0.05 Torr products
3
Heater status, external zero, vertical cal
4
(N/A for 0.02 Torr or 100oC/0.05 Torr products)
Standard configuration, horizontal calibration (< 1 Torr only)
5
Heater status indication, horizontal calibration (< 1 Torr only)
6
External zero, horizontal cal (45oC products with 0.05, 0.10, 0.25 Torr ranges;
7
100oC products with 0.10 and 0.25 Torr ranges)
Heater status, external zero, horizontal cal
8
(45oC products with 0.05, 0.10, 0.25 Torr ranges;
100oC products with 0.10 and 0.25 Torr ranges)
Connector
9-pin D-connector, thread locks
B
9-pin D-connector, slide locks
P
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com