Electronic Components Datasheet Search
  English  ▼

X  

628F Datasheet(PDF) 2 Page - MKS Instruments.

Part # 628F
Description  HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 2 Page - MKS Instruments.

  628F Datasheet HTML 1Page - MKS Instruments. 628F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and
Ordering Information
Full Scale Ranges
0.05, 0.1, 0.25, 1, 2, 10, 20, 100, 1000, 2000, 5000, 10000, 15000, 20000, 25000 Torr
Resolution
0.001% of Full Scale (0.002% of Full Scale for 0.05 Torr)
Accuracy
0.25% of Reading (including non-linearity, hysteresis, and non-repeatability) for 1 - 25,000
Torr;
0.50% of Reading for 0.25, 0.1, and 0.05 Torr
Temperature Coefficients
Zero
0.002% of Full Scale/°C for 1 - 25,000 Torr; 0.01% of Full Scale/°C for 0.25 and 0.1 Torr;
and 0.02% of Full Scale/°C for 0.05 Torr
Span
0.02% of Reading/°C
Ambient Operating Temperature
15°C to 50°C
Volume
6.3 cc
Warm-Up Time
2 hours for 1 - 25,000 Torr ranges, 4 hours for ranges < 1 Torr
Overpressure Limit
45 psia (310 kPa) or 120% Full Scale, whichever is greater
Materials Exposed to Gases
Inconel®
Input Power Required
±15 VDC ±5% @ 0.6 Amps (max.)
Output Signal
Pressure: 0 to +10 VDC into >10K
Ω load
Optional Features LED’s and Switches
Temperature status: one semiconductor switch will turn “ON” and corresponding green LED
will be “ON” when the instrument is at temperature.
Heater status: second semiconductor switch will turn “OFF” when heater failure occurs and
corresponding bi-color LED will be blinking red, otherwise light will remain green.
Fittings
Standard: 1/2'' (12.7 mm) OD tube. Optional: 8 VCR® and 8 VCO® female, NW16 KF and
NW25 KF, 1.33'' OD CF and 2.75'' OD CF
Compliance
CE
Specifications for Semiconductor Switch
Current Charge Capacity
120mA max.
Switch on Resistance
20
Ω max. @ 120mA, 50°C
Open Circuit Voltage
28V max.
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and
local government export licenses under ECCN 2B230. Specifications are subject to change without notice. mksinst™ is a
trademark and Baratron® is a registered trademark of MKS Instruments, Inc., Andover, MA. VCR® is a registered trademark
of Swagelok® Co., Solon OH. Inconel® is a registered trademark of Inco Alloys International, Inc., Huntington, WV.
628F - 3/19
© 2013-2019 MKS Instruments, Inc.
All rights reserved.
Dimensional Drawing —
Note: Unless otherwise specified,
dimensions are nominal values in inches
(mm referenced).
628F
B
E
B
01T
1
Ordering Code Example: 628F01TBE1B
Code
Configuration
628F
628F
Pressure Range Full Scale
0.05
U5T
0.1
.1T
0.25
RET
1
01T
2
02T
10
11T
20
21T
100
12T
1000
13T
2000
23T
5000
53T
10000
14T
15000
RBT
20000
24T
25000
RCT
Fittings
1/2'' (12.7 mm) OD tube
A
8 VCR female
B
1.33'' OD CF
C
NW16 KF (range < 5000 Torr)
D
8 VCO female
E
2.75'' OD CF
L
NW25 KF (range < 5000 Torr)
Q
Accuracy
0.25% of Reading (ranges
≥ 1 Torr)
E
0.5% of Reading (ranges < 1 Torr)
F
Options
Standard Configuration, vertical calibration
1
Optional Temperature/Heater Status, vertical calibration
2
Standard Configuration, horizontal calibration
5
(ranges < 1 Torr only)
Optional Temperature/Heater Status, horizontal calibration
6
(ranges < 1 Torr only)
Connector
15 pin Type “D” with Thread Lock
B
15 pin Type “D” with Slide Lock
P
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com