Electronic Components Datasheet Search
  English  ▼

X  

628F Datasheet(PDF) 1 Page - MKS Instruments.

Part # 628F
Description  HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 1 Page - MKS Instruments.

  628F Datasheet HTML 1Page - MKS Instruments. 628F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
628F
HEATED (100°C) ABSOLUTE BARATRON
® CAPACITANCE
MANOMETER
The 628F Baratron® capacitance manometer is the industry standard for stability and
accuracy. The 628F Baratron capacitance manometer is heated to 100°C, accurate to
0.25% of Reading and includes updated temperature control electronics to provide superior
long-term stability and repeatability. Optional heater and temperature status LED/switches
indicate that the heater (which maintains the sensor temperature to 100°C) is in control. This
capacitance manometer is available in Full Scale ranges down to 50 mTorr (0.07 mbar) to
accommodate today’s lower process pressures.
Based on established Baratron capacitance manometer technology, the sensor’s wetted
surfaces are Inconel® for excellent resistance to corrosive gases. The contemporary stainless
steel package provides a cleanroom-compatible product. The product is interchangeable with
earlier 128 and 628 Baratron capacitance manometers and can be used with MKS power
supplies, display units and pressure controllers, or the user’s compatible power supply/
readout devices.
Features & Benefits
Accurate
• Excellent long-term stability
• Percent of Reading accuracy for more
precise output signal in lower pressure
ranges
• Full Scale ranges low as 50 mTorr
(0.07 mbar) for precise measurement of
low pressure processes
• Measures total pressure directly,
independent of gas composition
Robust
• All-Inconel corrosion-resistant wetted
surfaces
• Integrated sump (US patent #5,822,685)
provides particle protection
• Faster warm-up time
• Visual and electrical status of
temperature and heater control circuit
• High overpressure rating for improved
reliability
Compatible
• Cleanroom-compatible stainless steel
package
• Compatible with earlier Baratron
capacitance manometers, MKS power
supply/readout modules, and pressure
controllers


Similar Part No. - 628F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
628F MKS-628F Datasheet
740Kb / 16P
600 Series Analog Capacitance Manometers
More results

Similar Description - 628F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
624F MKS-624F Datasheet
159Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
625F MKS-625F Datasheet
138Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
627F MKS-627F Datasheet
199Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
722B MKS-722B Datasheet
125Kb / 2P
GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D25F MKS-D25F Datasheet
141Kb / 2P
HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D27F MKS-D27F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D28F MKS-D28F Datasheet
145Kb / 2P
HEATED (100째C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
E27F MKS-E27F Datasheet
205Kb / 2P
Heated (45C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
E28F MKS-E28F Datasheet
181Kb / 2P
Heated (100C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
E29F MKS-E29F Datasheet
171Kb / 2P
Heated (45C or 100C) Absolute Baratron capacitance Manometer with Etch Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com