Electronic Components Datasheet Search
  English  ▼

X  

AA02A Datasheet(PDF) 3 Page - MKS Instruments.

Part # AA02A
Description  All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AA02A Datasheet(HTML) 3 Page - MKS Instruments.

  AA02A Datasheet HTML 1Page - MKS Instruments. AA02A Datasheet HTML 2Page - MKS Instruments. AA02A Datasheet HTML 3Page - MKS Instruments. AA02A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Full Scale Measurement Ranges
0.1, 0.25, 1, 2, 10, 20, 100, 200, 500, and 1000 Torr (and metric equivalents)
Sensor Temperatures
45°, 80°, or 100°C
Accuracy (includes non-linearity, hysteresis,
and non-repeatability)
45°C Models
0.10% Reading for 1 - 1000 Torr, 0.12% Reading for < 1 Torr
80° and 100°C Models
0.20% Reading for 1 - 1000 Torr, 0.40% Reading for < 1 Torr
Resolution
0.002% Full Scale
1
Zero Temperature Coefficients
45°C Models
0.002% Full Scale/°C for 1 - 1000 Torr, 0.005% Full Scale/°C for < 1 Torr
80° and 100°C Models
0.002% Full Scale/°C for 1 - 1000 Torr, 0.01% Full Scale/°C for < 1 Torr
Span Temperature Coefficient
0.02% Reading/°C
Time Constant (
t)
< 20 ms for
≥ 1 Torr; < 40 ms for < 1 Torr
Ambient Operating Temperature
45°C Models
15° to 40°C
80° and 100°C Models
15° to 50°C
Internal Sensor Volume
6.3 cm3 (nominal – varies depending on fitting)
Warmup Time
2 hours for 1 – 1000 Torr models, 3 hours for < 1 Torr versions
Overpressure Limit
45 psia
Sensor Type
Standard or MKS patented etch baffle
Materials Exposed to Process Gases
Inconel and Incoloy nickel alloys.
Some optional fittings are made from 300 series stainless steel.
Input Power Required
45°C Models
±15 VDC (±5%) @ 0.40 amps (max) or +24 VDC ±10% @ 11 watts (max)
80° and 100°C Models
±15 VDC (±5%) @ 0.60 amps (max) or +24 VDC ±10% @ 22 watts (max)
Output Signal
Analog
0 - 10 VDC into > 10 k
Ω load
Trip Relay Option
Two (2) internally mounted process pressure trip relays, solid state, independently
adjustable by customer at atmospheric pressure from 0.5% to 100% of Full Scale
range. Relay capacity of 0.20 amps@ 30 VDC. Complies with UL1577 requirements.
Electrical Connector
15-pin D-subminiature. All pin assignments are identical to legacy Baratron
analog capacitance manometers (and many competitive products) for direct
retrofit into existing systems.
Fittings
Standard
½'' (12.7 mm) O.D. tube
Optional
VCR®, VCO®, CF, and NW-KF
Compliance
CE
Specifications
1Obtainable under ideal conditions. Actual resolution in service may be different due to equipment design factors outside of MKS’s control.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com