Electronic Components Datasheet Search
  English  ▼

X  

AA02A Datasheet(PDF) 1 Page - MKS Instruments.

Part # AA02A
Description  All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AA02A Datasheet(HTML) 1 Page - MKS Instruments.

  AA02A Datasheet HTML 1Page - MKS Instruments. AA02A Datasheet HTML 2Page - MKS Instruments. AA02A Datasheet HTML 3Page - MKS Instruments. AA02A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AA02A
HEATEd ABSOLUTE BARATROn® CAPACITAnCE
MAnOMETER
The AA02A is an advanced general purpose absolute heated capacitance manometer
developed specifically for use in vacuum and pressure measurement applications where
high accuracy and excellent repeatability are crucial to process success. These capacitance
manometers are internally heated to 45°, 80°, or 100°C for use in a wide variety of
processes including semiconductor deposition, optical coating, and medical sterilization.
They use state-of-the-art digital architecture throughout to produce the highest possible long-
term performance and reliability. They can be equipped with either the standard sensor or
the MKS patented etch baffle technology that greatly reduces process contamination, and
they can be configured for both new and existing processing systems. These manometers
operate on ±15 VDC or +24 VDC input voltage, and have 0 - 10 VDC analog output signals.
Two (2) independent configurable solid state trip relays for pressure are available as an
option to permit control of external components. Full Scale measurement ranges from 0.1
Torr (13.3 Pa) to 1000 Torr (133.3 kPa) are available.
Features & Benefits
• All-digitalarchitectureandimproved
thermal management provides better
long-term stability, improved accuracy,
and increased reliability
• Sensortemperaturesof45°,80°,or100°C
• Fullyweldedsensorisbuiltentirelyfrom
Inconel® and Incoloy® nickel alloys for
best-available corrosion resistance; uses
no intermediate brazing or joining
materials
• FullScalemeasurementrangesfrom0.1
Torr (13.3 Pa) to 1000 Torr (133.3 kPa)
• Pushbuttonzeropermitsadjustmentof
zero position up to 20% of product’s
Full Scale range
• Ordering options are available for either
±15 VDC or +24 VDC input voltage, and
provides 0 - 10 VDC analog output that
is linear with pressure
• StandardorMKSpatentedetchbaffle
for use in processes with condensable
byproducts
• 100%backwardscompatiblewith
previous 127, 128, 624, 625,
627, 628, E27, and E28 analog Baratron®
capacitance manometers


Similar Part No. - AA02A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
AA02-00007A TOSHIBA-AA02-00007A Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Vishay Barry
AA0200-10-3X BARRY-AA0200-10-3X Datasheet
139Kb / 1P
Aluminum Nitride
Rev.B 06/16/10
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA0200-50-1X BARRY-AA0200-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
More results

Similar Description - AA02A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM306 TI1-LM306_14 Datasheet
313Kb / 15P
Fast Response Times Improved Gain and Accuracy
logo
Maxim Integrated Produc...
MAX9633 MAXIM-MAX9633 Datasheet
808Kb / 12P
Improved Reliability
Rev 4; 1/15
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
Excellent long-term stability and low inductance
RES-RX1M OHMITE-RES-RX1M Datasheet
253Kb / 1P
Improved voltage stability
logo
OSRAM GmbH
LEDCBCTRL10350 OSRAM-LEDCBCTRL10350 Datasheet
125Kb / 3P
Improved light management system
logo
Laird Tech Smart Techno...
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
Improved detent for better position stability
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
Highly reliable and long term stability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com