Electronic Components Datasheet Search
  English  ▼

X  

IRF120 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF120
Description  N-Channel Power Mosfets,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF120 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF120 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IRF120-123/IRF520-523
MTP10N08/10N10
N-Channel Power Mosfets,
11A,60-100V
www.artschip.com
3
Electrical Characteristics
(Cont.) (Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
On Characteristics
2.0
4.0
VGS(th)
Gate Threshold Voltage
IRF12-123/IRF520-523
MTP10N08/10N10
2.0
4.5
V
ID=250µA, VDS=VGS
ID=1mA, VDS=VGS
0.30
0.33
RDS(on)
Static Drain-Source On-Resistance
2
IRF120/121/520/521
MTP10N08/10N10
IRF122/123/522/523
0.40
Ω
VGS=10V
ID=4.0A
ID=5.0A
ID=4.0A
4.0
V
VGS=10V; ID=10.0A
VDS(on)
Drain-Source On-Voltage
2
MTP 10N08/10N10
3.3
V
VGS=10V, ID=5.0A
Tc=100℃
gfs
Forward Transconductance
1.5
S( )
VDS=10V, ID=4.0A
Dynamic Characteristics
Ciss
Input Capacitance
600
pF
Coss
Output Capacitance
400
pF
Crss
Reverse Transfer Capacitance
100
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics (Tc=25℃, Figure 1,2)
3
td(on)
Turn-On Delay Time
40
ns
tr
Rise Time
70
ns
td(off)
Turn-Off Delay Time
100
ns
tf
Fall Time
70
ns
VDD=50V, ID=4.0A
VGS=10V,RGEN=50 Ω
RGS=50 Ω
Qg
Total Gate Charge
15
nC
VGS=10V, ID=10A
VDD=50V
Symbol
Characteristic
Typ
Max
Unit
Test Conditions
Source-Drain Diode Characteristics
2.5
V
IS=8.0A; VGS=0V
VSD
Diode Forward Voltage
IRF120/121/520/521
IRF122/123/522/523
2.3
V
IS=7.0A; VGS=0V
trr
Reverse Recovery Time
280
ns
IS=4.0A; dls/dt=25A/
Notes
1.
TJ=+25℃ to +150℃
2.
Pulse width limited by TJ
3.
Switching time measurements performed on LEM TR-58 test equipment.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com