Electronic Components Datasheet Search
  English  ▼

X  

IRF120 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF120
Description  N-Channel Power Mosfets,
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF120 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF120 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF120 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRF120-123/IRF520-523
MTP10N08/10N10
N-Channel Power Mosfets,
11A,60-100V
www.artschip.com
1
Description
These devices are n-channel, enhancement mode, power
MOSFETs designed especially for high speed applications,
such as switching power supplies, converters, AC and DC
motor controls, relay and solenoid drivers and other pulse
circuits.
Low RDS(on)
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
lDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Paralleling
TO-204AA
IRF120
IRF121
IRF122
IRF123
TO-220AB
IRF520
IRF521
IRF522
IRF523
MTP10N08
MTP10N10
Product Summary
Part Number
VDSS
RDS(on)
ID at
Tc=25℃
ID at
TC=100℃
Case Style
IRF120
100V
0.30 Ω
8.0A
5.0A
IRF121
60V
0.30 Ω
8.0A
5.0A
IRF122
100V
0.40 Ω
7.0A
4.0A
IRF123
60V
0.40 Ω
7.0A
4.0A
TO-204AA
IRF520
100V
0.30 Ω
8.0A
5.0A
IRF521
60V
0.30 Ω
8.0A
5.0A
IRF522
100V
0.40 Ω
7.0A
4.0A
IRF523
60V
0.40 Ω
7.0A
4.0A
MTP10N08
80V
0.30 Ω
10A
6.4A
MTP10N10
100V
0.30 Ω
10A
6.4A
TO-220AB
Notes
For information concerning connection diagram and package outline, refer to Section 7.


Similar Part No. - IRF120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF120 SAMSUNG-IRF120 Datasheet
213Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF120 FAIRCHILD-IRF120 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
N-Channel Power MOSFETs, 11 A, 60-100 V
More results

Similar Description - IRF120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com