Electronic Components Datasheet Search
  English  ▼

X  

IRFP350 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP350
Description  N-Channel Power Mosfet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP350 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP350 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRFP350
16A,400V,0.300Ohm, N-Channel Power Mosfet
www.artschip.com
3
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
-
-
16
A
Pulse Source to Drain Current (Note3)
ISDM
Modified
Mosfet
Symbol Showing the
Integral Reverse P-N
Junction Diode
-
-
64
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ=25℃, ISD=16A, VGS=0V (Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ=150℃, ISD=15A, dISD/dt=100A/µS
270
-
1300
ns
Reverse Recovered Charge
QRR
TJ=150℃, ISD=15A, dISD/dt=100A/µS
1.7
-
8.1
µC
Notes:
2.
Pulse Test: Pulse width≤300µs, duty cycle ≤ 2%.
3.
Repetitive Rating: Pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4.
VDD=40V, starting TJ=25℃, L =5.66mH, RG=50Ω, peak IAS=15A.
Typical Performance Curves
Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE
TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com